Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCLSR01-05S12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCLSR01-05S12
Description  Up to 15 Watts DC/DC Converter Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCLSR01-05S12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCLSR01-05S12 Datasheet HTML 1Page - Wall Industries,Inc. DCLSR01-05S12 Datasheet HTML 2Page - Wall Industries,Inc. DCLSR01-05S12 Datasheet HTML 3Page - Wall Industries,Inc. DCLSR01-05S12 Datasheet HTML 4Page - Wall Industries,Inc. DCLSR01-05S12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCLSR01 SERIES
Up to 15 Watts
DC/DC Converter
Single Output
5/12/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range(1)
DCLSR01-05S1P2
3.0
5.0
5.5
VDC
DCLSR01-05S1P5
3.0
5.0
5.5
DCLSR01-05S1P8
3.0
5.0
5.5
DCLSR01-05S2P5
3.8
5.0
5.5
DCLSR01-12S1P2
4.6
12
36
DCLSR01-12S1P5
4.6
12
36
DCLSR01-12S1P8
4.6
12
36
DCLSR01-12S2P5
4.6
12
36
DCLSR01-12S3P3
4.75
12
36
DCLSR01-12S05
6.5
12
36
DCLSR01-12S6P5
9.0
12
36
DCLSR01-24S09
12
24
36
DCLSR01-24S12
15
24
36
DCLSR01-24S15
18
24
36
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2.0
+2.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
-0.6
+0.6
%
10% to 90% of Full Load
-0.3
+0.3
Output Power
15
W
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
Output Voltage
≤8V
50
mVp-p
Output Voltage >8V
75
Start-Up Time
Constant Resistive Load, Power Up
5
mS
Temperature Coefficient
-0.015
+0.015
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout, Continuous mode
DCLSR01-05Sxx
4.8
A
Others
2.5
Dynamic Load Response
50% Load Step Change
Peak Deviation
200
mV
Recovery Time
250
µs
Over Temperature Protection
Internal IC Junction
+150
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-40
+100
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Temperature
+105
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F Full Load
12,260,000
hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
DCLSR01-05Sxx
1200
kHz
Others
500
PHYSICAL SPECIFICATIONS
Weight
0.06oz (1.7g)
Dimensions (L x W x H)
0.60in x 0.37in x 0.29in
(15.2mm x 9.3mm x 7.3mm)
Case Material
Non-Conductive Black Plastic
Base Material
Non-Conductive Black Plastic
SAFETY
Safety Approvals
UL60950-1
EN60950-1
IEC60950-1


Similar Part No. - DCLSR01-05S12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCLSR01-05S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com