Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5394A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5394A
Description  Infiniium 90000 Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5394A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5394A Datasheet HTML 3Page - Keysight Technologies N5394A Datasheet HTML 4Page - Keysight Technologies N5394A Datasheet HTML 5Page - Keysight Technologies N5394A Datasheet HTML 6Page - Keysight Technologies N5394A Datasheet HTML 7Page - Keysight Technologies N5394A Datasheet HTML 8Page - Keysight Technologies N5394A Datasheet HTML 9Page - Keysight Technologies N5394A Datasheet HTML 10Page - Keysight Technologies N5394A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
07 | Keysight | Infiniium 90000 Series Oscilloscopes - Data Sheet
Trigger and view on-screen serial decode of
I2C packets
Frequency domain analysis
Infiniium’s built-in FFT allows users to quickly and easily analyze the frequency
components of their signals� Both FFT magnitude and phase can be displayed and
can be combined with other built-in math functions or Matlab based measurements�
A resolution bandwidth of 6 kHz is supported with the standard 10 Megabytes of
acquisition memory at the maximum sample rate of 40 GSa/s� With optional acquisition
memory installed resolution bandwidths of 2 kHz can be obtained� Standard windowing
of Hanning, Flattop and Rectangular are supported along with cursor based power
measurements� When more powerful frequency domain measurements are required
including modulation analysis, consider the Keysight 89601A Vector Signal Analyzer
software�
Debug your toughest designs with confidence (Continued)
I2C/SPI serial trigger and decode (N5391A-1NL or Option 007 on
new scope purchases)
Given even further insights with protocol decode capability� Quickly move between
physical and protocol layer information using the time-correlated tracking marker�
Display protocol content using waveform symbols and the industry’s first multi-tab
protocol viewer� The packets tab shows a high level view of the packet over time�
Engineered for Unmatched Real-Time Measurement Accuracy (Continued)
Hardware accelerated differential and common mode math
Select the channel menu and enable differential mode to enable hardware accelerated
math capability� Enjoy full channel functionality including InfiniiScan triggering and jitter
analysis� Save time, by using the hardware acceleration for even faster update rates with
your differential and common mode math needs�


Similar Part No. - N5394A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
More results

Similar Description - N5394A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5391A KEYSIGHT-N5391A Datasheet
1Mb / 8P
   Ininiium 90000 Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com