Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCRED110D12UW20 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCRED110D12UW20
Description  Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCRED110D12UW20 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCRED110D12UW20 Datasheet HTML 1Page - Wall Industries,Inc. DCRED110D12UW20 Datasheet HTML 2Page - Wall Industries,Inc. DCRED110D12UW20 Datasheet HTML 3Page - Wall Industries,Inc. DCRED110D12UW20 Datasheet HTML 4Page - Wall Industries,Inc. DCRED110D12UW20 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/26/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. A
DCREDUW20 SERIES
4:1 Ultra Wide Input Voltage Range
Single and Dual Outputs
Standard 2.0” x 1.0” x 0.4” Package
20 Watt DC/DC Power Converters
FEATURES
• Railway Applications
• Single and Dual Outputs
• Industry Standard 2.00” x 1.00” x 0.40” Package
• 20 Watts Maximum Output Power
• 4:1 Ultra Wide Input Voltage Range
• High Efficiency up to 89%
• 1600VDC I/O Isolation
• Output Current up to 4.5A
• Positive Logic Remote On/Off
• Fixed Switching Frequency
• Over Voltage, Over Current, and Short Circuit Protection
• Ultra Low Quiescent Current
• Six-Sided Continuous Shield
• CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
• Compliant to RoHS EU Directive 2002/95/EC
• UL60950-1, EN60950-1, IEC60950-1, and EN50155 Safety Approvals
(Pending)
APPLICATIONS
• Railway Systems
• Wireless Networks
• Telecom / Datacom
• Measurement Equipment
• Industry Control Systems
Semiconductor Equipment
OPTIONS
• Without Trim Pin
• Without OnOff Pin
• Negative Logic Remote On/Off
DESCRIPTION
The DCREDUW20 series of DC/DC power converters provides up to 20 Watts of output power in an industry standard 2.00” x 1.00” x
0.40” package and footprint. This series has single and dual output models with 4:1 ultra wide input voltage ranges of 9-36VDC, 18-
75VDC, and 43-160VDC. Some features include high efficiency, 1600VDC I/O isolation, six-sided shielding, and positive logic
remote ON/OFF. These converters are also protected against over voltage, over current, and short circuit conditions. All models are
RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1, and EN50155 safety approvals (pending). This series is best
suited for use in wireless networks, telecom/datacom, measurement equipment, industry control systems, semiconductor equipment,
and railway systems.


Similar Part No. - DCRED110D12UW20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
   CARBON FILM
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
logo
Alpha Wire
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
   M12-A Male Rear Mount PG9 Receptacle
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCRED110D12UW20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com