Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCLSR01-05S05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCLSR01-05S05
Description  Up to 15 Watts DC/DC Converter Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCLSR01-05S05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCLSR01-05S05 Datasheet HTML 1Page - Wall Industries,Inc. DCLSR01-05S05 Datasheet HTML 2Page - Wall Industries,Inc. DCLSR01-05S05 Datasheet HTML 3Page - Wall Industries,Inc. DCLSR01-05S05 Datasheet HTML 4Page - Wall Industries,Inc. DCLSR01-05S05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCLSR01 SERIES
Up to 15 Watts
DC/DC Converter
Single Output
5/12/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
No Minimum Load Required
Non-Isolation
Low Standby Power
Up to 15 Watts of Output Power
High Efficiency Up to 96%
3.0~5.5VDC & 4.6~36VDC Wide Input Range
Short Circuit, Over Load, and Over Temperature Protection
UL60950-1, EN60950-1, IEC60950-1 Safety Approvals
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power Architectures
Semiconductor Equipment
Microprocessor Power Application
The DCLSR01 series of DC/DC converters offers up to 15 watts
of output power in a compact 0.60” x 0.37” x 0.29” package.
This series consists of single output models with wide input
ranges of 3.0~5.5VDC & 4.6~36VDC. This series offers high
efficiency up to 96% and short circuit, over load, and over
temperature protection. The DCLSR01 series also offers
UL60950-1, EN60950-1, and IEC60950-1 safety approvals.
Size: 0.60in x 0.37in x 0.29in
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output
Voltage
Output Current
@Full Load
Ripple &
Noise
Efficiency
Output Power
Maximum
Capacitive Load
No Load Input
Current
Min. Vin
Max.Vin
DCLSR01-05S1P2
5.0VDC
(3.0~5.5VDC)
1.2VDC
1A
50mVp-p
90.5%
90.0%
Up to 15W
470µF
1mA
DCLSR01-05S1P5
5.0VDC
(3.0~5.5VDC)
1.5VDC
1A
50mVp-p
92.0%
91.5%
DCLSR01-05S1P8
5.0VDC
(3.0~5.5VDC)
1.8VDC
1A
50mVp-p
92.5%
92.0%
DCLSR01-05S2P5
5.0VDC
(3.8~5.5VDC)
2.5VDC
1A
50mVp-p
94.5%
94.0%
DCLSR01-12S1P2
12VDC
(4.6~36VDC)
1.2VDC
1A
50mVp-p
74%
62%
DCLSR01-12S1P5
12VDC
(4.6~36VDC)
1.5VDC
1A
50mVp-p
79%
67%
DCLSR01-12S1P8
12VDC
(4.6~36VDC)
1.8VDC
1A
50mVp-p
82%
70%
DCLSR01-12S2P5
12VDC
(4.6~36VDC)
2.5VDC
1A
50mVp-p
87%
75%
DCLSR01-12S3P3
12VDC
(4.75~36VDC)
3.3VDC
1A
50mVp-p
91%
80%
DCLSR01-12S05
12VDC
(6.5~36VDC)
5.0VDC
1A
50mVp-p
94%
84%
DCLSR01-12S6P5
12VDC
(9.0~36VDC)
6.5VDC
1A
50mVp-p
94%
86%
DCLSR01-24S09
24VDC
(12~36VDC)
9.0VDC
1A
75mVp-p
95%
90%
DCLSR01-24S12
24VDC
(15~36VDC)
12VDC
1A
75mVp-p
95%
92%
DCLSR01-24S15
24VDC
(18~36VDC)
15VDC
1A
75mVp-p
96%
94%


Similar Part No. - DCLSR01-05S05

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL04S0A0S03NFA DELTA-DCL04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCLSR01-05S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com