Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCRED110S15UW20 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCRED110S15UW20
Description  Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCRED110S15UW20 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCRED110S15UW20 Datasheet HTML 1Page - Wall Industries,Inc. DCRED110S15UW20 Datasheet HTML 2Page - Wall Industries,Inc. DCRED110S15UW20 Datasheet HTML 3Page - Wall Industries,Inc. DCRED110S15UW20 Datasheet HTML 4Page - Wall Industries,Inc. DCRED110S15UW20 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A
DCREDUW20 Series
Single & Dual Outputs
4:1 Input Voltage Range
20 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/26/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLES
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2.
Typical value at nominal input voltage and no load.
3.
Typical value at nominal input voltage and full load.
4.
Test by minimum Vin and constant resistive load.
5.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the TRIM
pin and either the +Vout pin or the –Vout pin.
6.
The ON/OFF control pin voltage is reference to –Vin. Positive Logic comes standard and to order negative logic remote on/off add the suffix “R” to the model number.
7.
Operating Temperature:
These converters can meet the railway T2 and TX temperature requirements.
T2: -40°C to +70°C for all models, TX: -40°C to +85 with power derating to 55% output power. (With heatsink the power derates to 70% output power).
Test conditions with vertical direction by natural convection (20LFM).
8.
Heatsink is optional and P/N: 7G-0020C-F. See “Product Standard Table” on page 5 for ordering information.
9.
EN55022 and EN55011
1) 24Vin and 48Vin Models: To meet Class B the modules do not need an external filter.
2) 110Vin Models: To meet Class A the modules do not need an external filter.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The filter capacitor suggested for 24Vin and 48Vin models is Nippon chemi-con KY series, 220
μF /100V, ESR 48mΩ.
The filter capacitor suggested for 110Vin models is Rubycon BXF series, 100
μF /250V.
11. There are several different options available for this series. Please see the “Product Standard Table” on page 4 for all options and ordering information.
CAUTION: This power converter is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications subject to change without notice.
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input
(2)
Current
Over Voltage
Protection
Ripple &
Noise
(3)
Output
Power
Efficiency
(3)
Maximum
(4)
Capacitive Load
Min. Load
Full Load
DCRED24S33UW20
24 VDC
(9 – 36 VDC)
3.3 VDC
0mA
4500mA
6mA
3.7 - 5.4 VDC
75mVp-p
14.8W
85%
7000µF
DCRED24S5UW20
5 VDC
0mA
4000mA
6mA
5.6 - 7.0 VDC
75mVp-p
20W
88%
5000
µF
DCRED24S12UW20
12 VDC
0mA
1670mA
6mA
13.5 - 19.6 VDC 100mVp-p
20W
89%
850µF
DCRED24S15UW20
15 VDC
0mA
1330mA
6mA
16.8 - 20.5 VDC 100mVp-p
20W
88%
700µF
DCRED48S33UW20
48 VDC
(18 – 75 VDC)
3.3 VDC
0mA
4500mA
4mA
3.7 - 5.4 VDC
75mVp-p
14.8W
85%
7000µF
DCRED48S5UW20
5 VDC
0mA
4000mA
4mA
5.6 - 7.0 VDC
75mVp-p
20W
88%
5000
µF
DCRED48S12UW20
12 VDC
0mA
1670mA
4mA
13.5 - 19.6 VDC 100mVp-p
20W
89%
850µF
DCRED48S15UW20
15 VDC
0mA
1330mA
4mA
16.8 - 20.5 VDC 100mVp-p
20W
89%
700µF
DCRED110S33UW20
110 VDC
(43 – 160 VDC)
3.3 VDC
0mA
4500mA
3mA
3.7 - 5.4 VDC
75mVp-p
14.8W
85%
7000µF
DCRED110S5UW20
5 VDC
0mA
4000mA
3mA
5.6 - 7.0 VDC
75mVp-p
20W
87%
5000
µF
DCRED110S12UW20
12 VDC
0mA
1670mA
3mA
13.5 - 19.6 VDC 100mVp-p
20W
88%
850µF
DCRED110S15UW20
15 VDC
0mA
1330mA
3mA
16.8 - 20.5 VDC 100mVp-p
20W
89%
700µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Range
Output
Voltage
Output Current
No load
(2)
Input Current
Ripple & Noise
(3)
Output Power Efficiency
(3)
Maximum
(4)
Capacitive Load
Min. Load
Full Load
DCRED24D12UW20
24 VDC
(9 – 36 VDC)
±12 VDC
0mA
±833mA
6mA
100mVp-p
20W
88%
±500µF
DCRED24D15UW20
±15 VDC
0mA
±667mA
6mA
100mVp-p
20W
89%
±350µF
DCRED48D12UW20
48 VDC
(18 – 75 VDC)
±12 VDC
0mA
±833mA
4mA
100mVp-p
20W
88%
±500µF
DCRED48D15UW20
±15 VDC
0mA
±667mA
4mA
100mVp-p
20W
89%
±350µF
DCRED110D12UW20
110 VDC
(43 – 160 VDC)
±12 VDC
0mA
±833mA
3mA
100mVp-p
20W
88%
±500µF
DCRED110D15UW20
±15 VDC
0mA
±667mA
3mA
100mVp-p
20W
89%
±350µF


Similar Part No. - DCRED110S15UW20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
   CARBON FILM
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
logo
Alpha Wire
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
   M12-A Male Rear Mount PG9 Receptacle
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCRED110S15UW20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com