Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCRED110S5UW20 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCRED110S5UW20
Description  Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCRED110S5UW20 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCRED110S5UW20 Datasheet HTML 1Page - Wall Industries,Inc. DCRED110S5UW20 Datasheet HTML 2Page - Wall Industries,Inc. DCRED110S5UW20 Datasheet HTML 3Page - Wall Industries,Inc. DCRED110S5UW20 Datasheet HTML 4Page - Wall Industries,Inc. DCRED110S5UW20 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
DCREDUW20 Series
Single & Dual Outputs
4:1 Input Voltage Range
20 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/26/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DCREDUW20 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
110VDC nominal input models
43
110
160
Input Surge Voltage (1 sec max)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
110VDC nominal input models
170
Start-Up Voltage
24VDC nominal input models
9
VDC
48VDC nominal input models
18
110VDC nominal input models
43
Shutdown Voltage
24VDC nominal input models
8
VDC
48VDC nominal input models
16
110VDC nominal input models
40
Input Filter
24VDC & 48VDC nominal input models
Common choke
110VDC nominal input models
Pi filter
Input Reflected Ripple Current
Nominal Vin and full load
30
mAp-p
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
Single Output
-0.2
+0.2
%
Dual Output
-0.5
+0.5
Load Regulation
No load to full load
Single Output
-0.2
+0.2
%
Dual Output
-1.0
+1.0
10% Load to 90% Load
Single Output
-0.1
+0.1
%
Dual Output
-0.8
+0.8
Cross Regulation (Dual Outputs)
Asymmetrical load 25%/100% full load
-5
+5
%
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Voltage Adjustability (See Note 5)
-10
+10
%
Output Power
20
W
Output Current
See Table
Ripple & Noise (20MHz)
Measured with a 1µF/50V MLCC
See Table
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nominal Vin and constant resistive
load
Power Up
30
ms
Remote On/Off
30
Minimum Load
0
%
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Load Protection
% of full load at nominal input
150
%
Short Circuit Protection
Hiccup, automatic recovery
Over Voltage Protection
See Table
GENERAL SPECIFICATIONS
Efficiency
Nominal Vin and full load
See Table
Switching Frequency
330
KHz
Isolation Voltage
Input to Output
1600
VDC
Input to Case
1000
Output to Case
1000
Isolation Resistance
10
Isolation Capacitance
3000
pF
REMOTE ON/OFF (See Note 6)
Positive Logic (standard)
DC/DC ON
Open or 3V < Vr < 15V
DC/DC OFF
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC ON
Short or 0V < Vr < 1.2V
DC/DC OFF
Open or 3V < Vr < 15V
Input Current of Remote Control Pin
Nominal Vin
-0.5
+1.0
mA
Remote Off State Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature (See Note 7)
With derating
-40
+101
°C
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Relative Humidity
5
95
% RH
Thermal Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Thermal Impedance (See Note 8)
Natural Convection
12
°C/Watt
Natural Convection with Heatsink
10
MTBF (See Note 1)
BELLCORE TR-NWT-000332
1,630,000 hours
MIL-HDBK-217F
295,000 hours
PHYSICAL SPECIFICATIONS
Weight
1.06oz (30g)
Case Material
Nickel-coated copper
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inches (50.8 x 25.4 x 10.2 mm)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals (pending)
UL60950-1, EN60950-1, IEC60950-1, EN50155
EMI (See Note 9)
EN55022, EN55011
24VDC & 48VDC nominal input models
Class B
110VDC nominal input models
Class A
ESD
EN61000-4-2
Air
±8KV
Perf. Criteria A
Contact
±6KV
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 10)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 10)
EN61000-4-5
±2KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


Similar Part No. - DCRED110S5UW20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
   CARBON FILM
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
logo
Alpha Wire
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
   M12-A Male Rear Mount PG9 Receptacle
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCRED110S5UW20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com