Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMRH15-24S24 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCMRH15-24S24
Description  15 Watts Medical DC/DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMRH15-24S24 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCMRH15-24S24 Datasheet HTML 1Page - Wall Industries,Inc. DCMRH15-24S24 Datasheet HTML 2Page - Wall Industries,Inc. DCMRH15-24S24 Datasheet HTML 3Page - Wall Industries,Inc. DCMRH15-24S24 Datasheet HTML 4Page - Wall Industries,Inc. DCMRH15-24S24 Datasheet HTML 5Page - Wall Industries,Inc. DCMRH15-24S24 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev A
DCMRH15 SERIES
15 Watts
Medical DC/DC Converter
Single and Dual Output
12/8/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
TEST SETUP
Input Reflected-Ripple Current Test Setup
Input reflected-
ripple current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR <1.0Ω at 100KHz) to simulate source impedance. Capacitor
Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500Khz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 4.7µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz. Position the
load between 50mm and 75mm from the DC/DC Converter.
TECHNICAL NOTES
Over Load Protection
To provide hiccup model protection in a fault (output over load) condition, the unit is equipped with internal current limiting circuitry and can endure
overload for an unlimited duration.
Over Voltage Protection
The output over voltage clamp consists of control circuitry, which is independent of the primary regulation loop that monitors the voltage on the output
terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This provides a redundant voltage control that reduces the
risk of output over voltage. The OVP level can be found in data sheet.
Input Source Impedance
The power module should be connected to a low ac-impedance source. Highly inductive source impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor on the input to ensure startup.
By using a good quality low Equivalent Series Resistance (ESR <1.0 at 100kHz) capacitor of 10µF for 12V input devices, a 4.7µF for 24V input devices,
and a 2.2µF for the 48V devices, capacitor mounted close to the power module helps ensure stability of the unit.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple,
it is recommended to use 4.7µF capacitors at the output.


Similar Part No. - DCMRH15-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20-12D12 WALL-DCMRH20-12D12 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20-12D15 WALL-DCMRH20-12D15 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20-12S05 WALL-DCMRH20-12S05 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20-12S051 WALL-DCMRH20-12S051 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results

Similar Description - DCMRH15-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com