Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMD20W-24D15X Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMD20W-24D15X
Description  20 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMD20W-24D15X Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMD20W-24D15X Datasheet HTML 1Page - Wall Industries,Inc. DCMD20W-24D15X Datasheet HTML 2Page - Wall Industries,Inc. DCMD20W-24D15X Datasheet HTML 3Page - Wall Industries,Inc. DCMD20W-24D15X Datasheet HTML 4Page - Wall Industries,Inc. DCMD20W-24D15X Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
DCMD20W SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/12/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
360
400
440
kHz
Isolation Voltage
1 Minute
Input to Output
1600
VDC
Input (Output) to Chassis
1600
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
400
pF
PHYSICAL SPECIFICATIONS
Weight
3.13oz (89g)
Dimensions (L x W x H)
Chassis Mount
4in x 2.25in x 0.75in
(101.6mm x 57.2mm x 19.1mm)
Enclosed Mount
4in x 2.25in x 0.79in
(101.6mm x 57.2mm x 20.1mm)
DIN Rail Mount
4in x 2.25in x 1.09in
(101.6mm x 57.2mm x 27.8mm)
Chassis Material
Aluminum
SAFETY CHARACTERISTICS
Safety Approvals
UL60950-1
EN60950-1
IEC60950-1
EMI
EN55022
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast Transient
EN61000-4-4
±2kV
Perf. Criteria A
Surge
EN61000-4-5
±0.5kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-6
100A/m continuous; 1000A/m 1 Second
Perf. Criteria A
NOTES
1.
“X” in product name indicates assembly option types. “X” will be “U” for Chassis Mount, “C” for Enclosed Mount, “D” for DIN Rail Mount, or “ED”
for Enclosed & DIN Rail Mount.
2.
Test by minimum input and constant resistive load.
3.
Referred to –Vin pin.
*Due to advances in technology, specifications subject to change without notice.
CHARACTERISTIC CURVES
DCMD20W-48S05X Derating Curve
DCMD20W-48S05X
Efficiency vs. Input Voltage
DCMD20W-48S05X
Efficiency vs. Output Load


Similar Part No. - DCMD20W-24D15X

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMD21CA4PJK87 ITT-DCMD21CA4PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4PVK87 ITT-DCMD21CA4PVK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SJA197 ITT-DCMD21CA4SJA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SVA197 ITT-DCMD21CA4SVA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD25C3PJK87 ITT-DCMD25C3PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DCMD20W-24D15X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
JFCW20 WALL-JFCW20 Datasheet
609Kb / 9P
   20 Watts DC/DC Power Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com