Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHF20W-DD12-B Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHF20W-DD12-B
Description  Single, Dual, and Triple Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHF20W-DD12-B Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHF20W-DD12-B Datasheet HTML 1Page - Wall Industries,Inc. DCHF20W-DD12-B Datasheet HTML 2Page - Wall Industries,Inc. DCHF20W-DD12-B Datasheet HTML 3Page - Wall Industries,Inc. DCHF20W-DD12-B Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
DCHF20W Series
20~36.5 Watts
Single, Dual, and Triple Outputs
DC/DC Chassis Mount Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
12/03/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: DCHF20W Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12VDC nominal input models
10
12
18
VDC
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
72
110VDC nominal input models
72
110
144
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Adjustment Range
Single Output Models
-10
+10
%
Multi-Output Models: V1
-5
+5
Line Regulation
Full load
≤ -0.5
≤ +0.5
%
Load Regulation
V1
≤ -0.5
≤ +0.5
%
V2,3 (with regulators)
≤ -3
≤ +3
V2,3 (without regulators)
≤ -6
≤ +6
Output Current
See Table
Output Power
See Table
Ripple & Noise
See Table
PROTECTION
Over Load Protection
110
150
%
Short Circuit Protection
Yes
GENERAL SPECIFICATIONS
Efficiency
See Table
Withstand Voltage
Input to Output
All for 1 minute
1000
VDC
Input to FG
1000
Output to FG
500
Isolation Resistance
At 500VDC
> 100
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10
+50
°C
Operating Humidity (non-condensing)
20
90
% RH
Storage Temperature
-20
+85
°C
Storage Humidity (non-condensing)
20
95
% RH
Cooling Method
Free air convection
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
4.37 x 3.07 x 1.42 inches
(111 x 78 x 36 mm)
Weight
8.82oz (250g)
SAFETY & EMC CHARACTERISTICS
Safety Standards
Design refer to LVD
EMC Standards
Design refer to EN55022, EN61000-4
Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCHF20W-DD12-B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF1000W WALL-DCHF1000W Datasheet
151Kb / 4P
   RoHS Compliant
DCHF1000W-SD110-24 WALL-DCHF1000W-SD110-24 Datasheet
151Kb / 4P
   RoHS Compliant
DCHF1000W-SD110-28 WALL-DCHF1000W-SD110-28 Datasheet
151Kb / 4P
   RoHS Compliant
DCHF1000W-SD110-48 WALL-DCHF1000W-SD110-48 Datasheet
151Kb / 4P
   RoHS Compliant
DCHF1000W-SD48-24 WALL-DCHF1000W-SD48-24 Datasheet
151Kb / 4P
   RoHS Compliant
More results

Similar Description - DCHF20W-DD12-B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
   Single, Dual, and Triple Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com