Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX6PWR Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSOX6PWR
Description  InfiniiVision 6000 X-Series Oscilloscopes
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6PWR Datasheet(HTML) 4 Page - Keysight Technologies

  DSOX6PWR Datasheet HTML 1Page - Keysight Technologies DSOX6PWR Datasheet HTML 2Page - Keysight Technologies DSOX6PWR Datasheet HTML 3Page - Keysight Technologies DSOX6PWR Datasheet HTML 4Page - Keysight Technologies DSOX6PWR Datasheet HTML 5Page - Keysight Technologies DSOX6PWR Datasheet HTML 6Page - Keysight Technologies DSOX6PWR Datasheet HTML 7Page - Keysight Technologies DSOX6PWR Datasheet HTML 8Page - Keysight Technologies DSOX6PWR Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
04 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Overview of the Keysight InfiniiVision X-Series oscilloscopes
InfiniiVision
6000 X-Series
4000 X-Series
3000T X-Series
2000 X-Series
1000 X-Series
Analog channels
2 or 4
2 or 4
2 or 4
2 or 4
2
Digital channels (MSO) 16
16
16
8
External trigger can be
used as a 3rd digital
channel
Bandwidth
(upgradable)
1, 2.5, 4, 6 GHz
200, 350, 500 MHz, 1,
1.5 GHz
100, 200, 350, 500
MHz, 1 GHz
70, 100, 200 MHz
50, 70, 100 MHz
Max sampling rate
20 GSa/s
5 GSa/s
5 GSa/s
2 GSa/s
2 GSa/s
Max memory depth
4 Mpts
4 Mpts
4 Mpts
100 kpts (standard)
1 Mpts (option)
Up to 1 Mpts standard
Max waveform update
rate
> 450,000
waveforms/sec
> 1,000,000
waveforms/sec
> 1,000,000
waveforms/sec
> 50,000
waveforms/sec
> 50,000
waveforms/sec
Display
12.1 inches, capacitive,
multi-touch, gesture
enabled
12.1 inches, capacitive
8.5 inches, capacitive
8.5 inches
7 inches
Zone trigger
Standard
Standard
Standard
No
No
Voice control
Standard
No
No
No
No
20-MHz function/
arbitrary waveform
generator
Dual-channel AWG
(option)
Dual-channel AWG
(option)
Single-channel AWG
(option)
Single-channel function
(option)
Single-channel function
(standard on G models)
Integrated DVM
Standard
Standard
Standard
Standard
Free with registration
Integrated hardware
counter (standard)
10-digit frequency,
period, or totalizer
counter
5-digit frequency or
period counter (8 digits
with external 10 MHz
clock reference)
8-digit frequency,
period, or totalizer
counter
5-digit frequency
counter
8-digit frequency
counter
Search and navigate
Standard with lister
Standard with lister
Standard with lister
Standard
No
Segment memory
Standard
Standard
Standard
Option
Standard on DSO
models
Mask/limit test
Option
Option
Option
Option
Standard on DSO
models
Serial protocol
analysis options
I2C/SPI, UART,
CAN/CAN-FD, LIN,
FlexRay, SENT,
I2S, MIL-STD1553/
ARINC429, USB 2.0,
CXPI, Manchester/NRZ,
USB PD
I2C/SPI, UART,
CAN/CAN-FD, LIN,
FlexRay, SENT,
I2S, MIL-STD1553/
ARINC429, USB 2.0,
CXPI, Manchester/NRZ,
USB PD
I2C/SPI, UART, CAN/
CAN-FD, LIN, FlexRay,
SENT, I2S, MIL-
STD1553/ARINC429,
CXPI, Manchester/
NRZ, USB PD
I2C/SPI, UART, CAN/
LIN (will not operate
simultaneously with
digital channels)
I2C/SPI, UART, CAN/
LIN
Advanced analysis
options
Power analysis, USB
2.0 signal quality test,
HDTV analysis, FRA
Power analysis, USB
2.0 signal quality test,
HDTV analysis, FRA,
NFC
Power analysis, HDTV
analysis, FRA, NFC
No
FRA
Color grade
Standard
No
No
No
No
Histogram
Standard
No
No
No
No
Spectrum analysis
Standard enhanced FFT Standard enhanced FFT Standard enhanced
FFT
Standard
Standard
Multi-domain analysis
Gated FFT
Gated FFT
Gated FFT
No
No
Jitter analysis
Option
No
No
No
No
Real-time eye diagram Option
No
No
No
No
Advanced math
Standard, display
four functions
simultaneously
Standard, display one
function
Standard, display one
function
No
No
Connectivity
Standard USB 2.0,
LAN, video (GPIB
option), USB mouse
and keyboard support
Standard USB 2.0,
LAN, video (GPIB
option), USB mouse
and keyboard support
Standard USB 2.0
(LAN/video/GPIB
option), USB mouse
and keyboard support
Standard USB 2.0
(LAN/video/GPIB
option), USB keyboard
support
Standard USB 2.0, USB
keyboard support
New Standard for Price Performance: Bandwidth, Visualization, and Integration


Similar Part No. - DSOX6PWR

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX6PWR KEYSIGHT-DSOX6PWR Datasheet
4Mb / 12P
   Power Measurement Options
More results

Similar Description - DSOX6PWR

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOX6002A KEYSIGHT-MSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
MSOX6004A KEYSIGHT-MSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOXDVMCTR KEYSIGHT-DSOXDVMCTR Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6002A KEYSIGHT-DSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6004A KEYSIGHT-DSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX4PWR KEYSIGHT-DSOX4PWR Datasheet
4Mb / 12P
   For InfiniiVision 3000, 4000 and 6000 X-Series Oscilloscopes
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com