Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5455A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N5455A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5455A Datasheet(HTML) 3 Page - Keysight Technologies

  N5455A Datasheet HTML 1Page - Keysight Technologies N5455A Datasheet HTML 2Page - Keysight Technologies N5455A Datasheet HTML 3Page - Keysight Technologies N5455A Datasheet HTML 4Page - Keysight Technologies N5455A Datasheet HTML 5Page - Keysight Technologies N5455A Datasheet HTML 6Page - Keysight Technologies N5455A Datasheet HTML 7Page - Keysight Technologies N5455A Datasheet HTML 8Page - Keysight Technologies N5455A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
03 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Low-profile, high-density
package saves rack space
The InfiniiVision 6000L Series
oscilloscopes provide up to 1-GHz
bandwidth in a space-saving
1U-high 19-inch wide package so
it saves your valuable rack space.
The oscilloscopes have side and
rear air vents (no top or bottom
air vents) so other instruments
can be mounted directly above or
below them. Rack mount brackets
and rack rails are standard with
every unit.
LXI class C compliant
LAN eXtensions for
Instrumentation (LXI) is the
architecture for test systems
that’s based on proven, widely
used standards such as Ethernet.
By specifying the interaction of
those standards, LXI enables
fast, efficient, cost-effective
creation and reconfiguration of
test systems. The InfiniiVision
6000L Series oscilloscopes are
fully LXI class C compliant.
The InfiniiVision 6000L Series
oscilloscopes follow specified
LAN protocols, and adhere to LXI
requirements such as a built-in
Web control server, IVI driver
software, and more.
Easy system integration
and configuration
To simplify system development,
the InfiniiVision 6000L Series
oscilloscopes come standard with
an IVI-COM (Interchangeable
Virtual Instruments) driver,
and they support easy-to-use
SCPI commands. The standard
Keysight Technologies, Inc. I/O
Library Suite makes it easy
to configure and integrate
instruments into your system
– even if your system includes
instruments from other vendors.
Make the most of your rack space with an InfiniiVision 6000L Series oscilloscope.
Establish instrument connection faster with Keysight I/O Library Suite.


Similar Part No. - N5455A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5455A KEYSIGHT-N5455A Datasheet
608Kb / 5P
   Mask/Waveform Limit Testing
More results

Similar Description - N5455A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TDS310 ETC2-TDS310 Datasheet
2Mb / 242P
   Two Channel Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
logo
Agilent(Hewlett-Packard...
54600 HP-54600 Datasheet
1Mb / 24P
   54600-Series Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com