Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMD20W Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMD20W
Description  20 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMD20W Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMD20W Datasheet HTML 1Page - Wall Industries,Inc. DCMD20W Datasheet HTML 2Page - Wall Industries,Inc. DCMD20W Datasheet HTML 3Page - Wall Industries,Inc. DCMD20W Datasheet HTML 4Page - Wall Industries,Inc. DCMD20W Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCMD20W SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/12/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size: 4in x 2.25in x 0.75in (101.6mm x 57.2mm x 0.75mm)
OPTIONS
FEATURES
Single or Dual Output
Positive or Negative Logic
Assembly Option
-Enclosed
-Din Rail
-Enclosed & Din Rail
4:1 Ultra Wide Input Range
No Minimum Load Required
1600VDC Input to Output Isolation
Screw Terminals for Input and Output
Connections
Internal Input Fuse Protection
Internal Output LED Indicator
RoHS II and REACH Compliant
Over Voltage, Over Load and Short Circuit Protection
Remote Control
CE Marked
Meets EN55022 Class B
Safety Meets UL60950-1, EN60950-1, and
IEC60905-1
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
The DCMD20W series of DC/DC converters offers up to 20 watts of output power in a 4in x 2.25in x 0.75in
chassis mount, enclosed, din rail or enclosed din rail package. This series consists of single and dual output
models with 4:1 ultra-wide input range. Each model has an internal output LED indicator, internal input fuse
protection, screw terminals for input and output connectors, as well as remote control. This series also has
over voltage, over load, and short circuit protection, RoHS II and REACH compliance, and UL60950-1,
EN60950-1, and IEC60950-1 safety approvals. Please call factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load Input
Current
Maximum
Capacitive Load(2)
Efficiency
Output Power
DCMD20W-24S33X
24VDC
(9.5~36VDC)
3.3VDC
5500mA
60mVp-p
51mA
18000µF
84%
Up to 20W
DCMD20W-24S05X
5VDC
4000mA
75mVp-p
66mA
9600µF
87%
DCMD20W-24S12X
12VDC
1670mA
75mVp-p
25mA
1650µF
85%
DCMD20W-24S15X
15VDC
1330mA
75mVp-p
26mA
1050µF
85%
DCMD20W-48S33X
48VDC
(18~75VDC)
3.3VDC
5500mA
60mVp-p
36mA
18000µF
84%
DCMD20W-48S05X
5VDC
4000mA
75mVp-p
36mA
9600µF
87%
DCMD20W-48S12X
12VDC
1670mA
75mVp-p
17mA
1650µF
86%
DCMD20W-48S15X
15VDC
1330mA
75mVp-p
17mA
1050µF
86%
MODEL SELECTION TABLE
Dual Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load Input
Current
Maximum
Capacitive Load(2)
Efficiency
Output Power
DCMD20W-24D05X
24VDC
(9.5~36VDC)
±5VDC
±2000mA
100mVp-p
58mA
±4800µF
87%
Up to 20W
DCMD20W-24D12X
±12VDC
±833mA
100mVp-p
33mA
±825µF
86%
DCMD20W-24D15X
±15VDC
±667mA
100mVp-p
34mA
±525µF
86%
DCMD20W-48D05X
48VDC
(18~75VDC)
±5VDC
±2000mA
100mVp-p
25mA
±4800µF
88%
DCMD20W-48D12X
±12VDC
±833mA
100mVp-p
19mA
±825µF
87%
DCMD20W-48D15X
±15VDC
±667mA
100mVp-p
19mA
±525µF
87%


Similar Part No. - DCMD20W

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMD21CA4PJK87 ITT-DCMD21CA4PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4PVK87 ITT-DCMD21CA4PVK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SJA197 ITT-DCMD21CA4SJA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SVA197 ITT-DCMD21CA4SVA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD25C3PJK87 ITT-DCMD25C3PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DCMD20W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
JFCW20 WALL-JFCW20 Datasheet
609Kb / 9P
   20 Watts DC/DC Power Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com