Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSO90000A-50M Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSO90000A-50M
Description  Infiniium 90000 Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSO90000A-50M Datasheet(HTML) 4 Page - Keysight Technologies

  DSO90000A-50M Datasheet HTML 1Page - Keysight Technologies DSO90000A-50M Datasheet HTML 2Page - Keysight Technologies DSO90000A-50M Datasheet HTML 3Page - Keysight Technologies DSO90000A-50M Datasheet HTML 4Page - Keysight Technologies DSO90000A-50M Datasheet HTML 5Page - Keysight Technologies DSO90000A-50M Datasheet HTML 6Page - Keysight Technologies DSO90000A-50M Datasheet HTML 7Page - Keysight Technologies DSO90000A-50M Datasheet HTML 8Page - Keysight Technologies DSO90000A-50M Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
04 | Keysight | Infiniium 90000 Series Oscilloscopes - Data Sheet
The industry’s lowest noise floor
Leveraging the company expertise in RF design, Keysight has invested in key technology
blocks like our proprietary Faraday caged front end to significantly reduce our
inherent scope noise floor� The result: the lowest noise floor available on any real-time
oscilloscope from 2�5 GHz to 12 GHz�
The industry’s deepest memory
With 1 Gbyte of memory, low-frequency jitter components can be more quickly resolved
in a single measurement� Statistical accuracy is improved with more data collection�
Keysight’s integrated deep memory remains responsive and allows more comprehensive
testing, supporting pattern lengths up to PRBS23 for accurate transmitter and receiver
results�
We add full bandwidth probing and accurate de-embedding and
equalization software
The performance of Keysight’s oscilloscopes is matched by the superiority of our
probing, de-embedding and equalization offerings� Maintain full bandwidth performance
to the probe tip with our InfiniiMax probing solutions�Render waveforms anywhere
in the digital serial link with our hardware accelerated N5465A InfiniiSim Waveform
Transformation Toolset� Configurable system modeling allows you to remove the
deleterious effects of unwanted channel elements, simulate waveforms with channel
models inserted, view waveforms in physically unprobeable locations, and compensate
for loading of probes and fixtures� The N5461A Serial Data Equalization software allows
you to model equalization techniques in real time�
Use your jitter budget in your design, not on your oscilloscope
Keysight’s Infiniium 90000 Series oscilloscopes offer the industry’s lowest noise floor
and most accurate real-time jitter measurements available on scopes of this bandwidth
class� Complete with full-bandwidth probing solutions and hardwareaccelerated
de-embedding and equalization techniques, Keysight oscilloscopes are the best
oscilloscope solution for today’s demanding high-speed measurements�
Engineered for Unmatched Real-Time Measurement Accuracy


Similar Part No. - DSO90000A-50M

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSO9064A KEYSIGHT-DSO9064A Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Similar Description - DSO90000A-50M

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5391A KEYSIGHT-N5391A Datasheet
1Mb / 8P
   Ininiium 90000 Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com