Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMMMW24S15-2000 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CMMMW24S15-2000
Description  4:1 Input Voltage Ranges 18~30 Watt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMMW24S15-2000 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CMMMW24S15-2000 Datasheet HTML 1Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 2Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 3Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 4Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 5Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 6Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 7Page - Wall Industries,Inc. CMMMW24S15-2000 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMMW Series
4:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
BLOCK DIAGRAM
INPUT VOLTAGE TRANSIENT RATING
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
EFFICIENCY GRAPHS
Efficiency vs Input Voltage (Single Output)
Efficiency vs Output Load (Single Output)
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
DERATING CURVE
¡ã
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Ambient Temperature (°C)
~
Single Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP


Similar Part No. - CMMMW24S15-2000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
CMMM12S12-2500 WALL-CMMM12S12-2500 Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
CMMM12S15-2000 WALL-CMMM12S15-2000 Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
CMMM12S3.3-5500 WALL-CMMM12S3.3-5500 Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
CMMM12S5-5000 WALL-CMMM12S5-5000 Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
More results

Similar Description - CMMMW24S15-2000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com