Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86100D-090 Datasheet(PDF) 7 Page - Keysight Technologies

Part # 86100D-090
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86100D-090 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 86100D-090 Datasheet HTML 3Page - Keysight Technologies 86100D-090 Datasheet HTML 4Page - Keysight Technologies 86100D-090 Datasheet HTML 5Page - Keysight Technologies 86100D-090 Datasheet HTML 6Page - Keysight Technologies 86100D-090 Datasheet HTML 7Page - Keysight Technologies 86100D-090 Datasheet HTML 8Page - Keysight Technologies 86100D-090 Datasheet HTML 9Page - Keysight Technologies 86100D-090 Datasheet HTML 10Page - Keysight Technologies 86100D-090 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
07 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Computer system and storage
Computer system and storage
CPU
Intel Core i5 3550S CPU at 3.0 GHz
Mass storage
80 GB internal hard drive (default) or 80 GB removable hard drive (Option 090)
Operating system
Microsoft Windows 7 embedded standard (64 bit)
Display 1
Display area
210.4 mm x 157.8 mm (10.4 inch diagonal color active matrix LCD module incorporating amorphous silicon TFTs)
Entire display resolution
1024 pixels horizontally x 768 pixels vertically
Waveform colors
Select from over 16 colors; user may change color assignment of all traces (channels, waveform memory and
signal processing functions)
Persistence modes
Gray scale, color grade, variable, infinite
Waveform overlap
When two waveforms overlap, a third color distinguishes the overlap area (classic DCA-J interface only)
Connect-the-dots
On/Off selectable
Persistence
Minimum, variable (100 ms to 40 s), infinite
Graticule
On/Off
Grid intensity
0 to 100%
Dialog boxes
Opaque or transparent
Front panel inputs and outputs
Cal output
BNC (female) and test clip, banana plug
Trigger input
2.92 mm 4
USB 2
Three low-power USB 2.0 ports; Voltage: 5.00 ± 0.25 V; Current: 100 mA each
Precision timebase input
(Option PTB only)
2.92 mm 4
Rear panel inputs and outputs
Gated trigger input
TTL compatible
Video output
VGA, full color, 15 pin D-sub (female) 10
GPIB 3
Fully programmable, complies with IEEE 488.2
RS-232
9 pin D-sub (male)
LAN
USB 2
Four USB 2.0 ports; Voltage: 5.00 ± 0.25 V; Current: 500 mA each
Precision timebase delay path
(Option PTB only)
Two female SMA connectors, nominal length jumper cable included
1. Supports external display. Supports multiple display configurations via Windows XP Pro display utility.
2. USB Keyboard and mouse included with mainframe.
3. The GPIB card interface is optional. To include this interface, order 86100D-GPI.
4. Mainframe ships with 2.92 mm female-female connector saver (P/N 1250-4105).
Specifications (Continued)


Similar Part No. - 86100D-090

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-201 KEYSIGHT-86100D-201 Datasheet
1Mb / 2P
   Advanced Waveform Analysis Software
86100D-202 KEYSIGHT-86100D-202 Datasheet
1Mb / 7P
   86100D-202 Enhanced Impedance
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-SIM KEYSIGHT-86100D-SIM Datasheet
3Mb / 37P
   Mainframe and Modules
More results

Similar Description - 86100D-090

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com