Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86100D-GPN Datasheet(PDF) 5 Page - Keysight Technologies

Part # 86100D-GPN
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86100D-GPN Datasheet(HTML) 5 Page - Keysight Technologies

  86100D-GPN Datasheet HTML 1Page - Keysight Technologies 86100D-GPN Datasheet HTML 2Page - Keysight Technologies 86100D-GPN Datasheet HTML 3Page - Keysight Technologies 86100D-GPN Datasheet HTML 4Page - Keysight Technologies 86100D-GPN Datasheet HTML 5Page - Keysight Technologies 86100D-GPN Datasheet HTML 6Page - Keysight Technologies 86100D-GPN Datasheet HTML 7Page - Keysight Technologies 86100D-GPN Datasheet HTML 8Page - Keysight Technologies 86100D-GPN Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
05 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Mainframe specifications (Continued)
86100D with option STR
86100D with option ETR or with options ETR + PTB
Module triggering 3
Not supported
Not supported
Internal trigger
Free run
Free run
External direct trigger (DC coupled)
Limited bandwidth
DC to 100 MHz
DC to 100 MHz
Full bandwidth
DC to 3.2 GHz
DC to 3.2 GHz
Trigger configuration
Triggering level adjustment
–1 V to +1 V
–1 V to +1 V
Edge select
Positive or negative
Positive or negative
Hysteresis 2
Normal or high sensitivity
Normal or high sensitivity
Trigger sensitivity
Sinusoidal or 200 ps minimum pulse width
Sinusoidal or 200 ps minimum pulse width
200 mVpp
200 mVpp
Maximum input signal
2 Vpp
2 Vpp
System jitter
Tested at 2.5 GHz, 200 mVpp
Tested at 2.5 GHz, 200 mVpp
1.5 ps rms + 50 ppm of delay setting
1.5 ps rms + 50 ppm of delay setting
< 1.0 ps rms + 5 ppm of delay setting (Characteristic) < 1.0 ps rms + 5 ppm of delay setting (Characteristic)
Specifications (Continued)


Similar Part No. - 86100D-GPN

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-201 KEYSIGHT-86100D-201 Datasheet
1Mb / 2P
   Advanced Waveform Analysis Software
86100D-202 KEYSIGHT-86100D-202 Datasheet
1Mb / 7P
   86100D-202 Enhanced Impedance
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-SIM KEYSIGHT-86100D-SIM Datasheet
3Mb / 37P
   Mainframe and Modules
More results

Similar Description - 86100D-GPN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com