Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2791A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N2791A
Description  InfiniiVision PXIe Modular Oscilloscopes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2791A Datasheet(HTML) 2 Page - Keysight Technologies

  N2791A Datasheet HTML 1Page - Keysight Technologies N2791A Datasheet HTML 2Page - Keysight Technologies N2791A Datasheet HTML 3Page - Keysight Technologies N2791A Datasheet HTML 4Page - Keysight Technologies N2791A Datasheet HTML 5Page - Keysight Technologies N2791A Datasheet HTML 6Page - Keysight Technologies N2791A Datasheet HTML 7Page - Keysight Technologies N2791A Datasheet HTML 8Page - Keysight Technologies N2791A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
02 | Keysight | M924XA InfiniiVision PXIe Modular Oscilloscopes - Data Sheet
The InfiniiVision M924XA Series redefines modular oscilloscopes. It gives you the most
signal detail with maximum investment protection and is built with technology that
leverages decades of Keysight’s high-performance oscilloscope expertise.
Performance
– 200 MHz, 500 MHz or 1 GHz bandwidths available to match your measurement
application
– Advanced triggering enables capture and analysis of complex signals
– Visual triggers (zone touch and mask) make trigger and capture of signal errors
quick and easy
– Serial protocol analysis and triggering for most common protocols
– Automated FFT and waveform math extend analysis to match your needs
– Segmented memory can analyze 1000 events without ever offloading to a PC
Measurement capability
– AutoProbe support for most Keysight probes
– High-accuracy current probes
– Differential and single-ended active probes
– Power rail analysis
– High-voltage probes
– 30+ automated measurements provide simple-to-access analysis
Multiple instruments in one
– Oscilloscope support for up to 1 GHz bandwidth with 5 GSa/s
– DVM (Digital voltmeter) 3-digit using the same scope probes
– 8-digit counter for integrated totalizer/frequency counter measurements
– Protocol analyzer for I²C, UART, CAN, LIN, CXPI and more
– Spectrum analysis with hardware-accelerated FFT measurements
– 20-MHz arbitrary waveform generator
The Power of a Benchtop Oscilloscope in a Modular Package


Similar Part No. - N2791A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2791A KEYSIGHT-N2791A Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
N2791A KEYSIGHT-N2791A Datasheet
2Mb / 38P
   InfiniiVision 3000T X- Series
N2791A KEYSIGHT-N2791A Datasheet
1Mb / 15P
   DSO1000A/B Series
More results

Similar Description - N2791A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX1204A KEYSIGHT-DSOX1204A Datasheet
1Mb / 108P
   Keysight InfiniiVision Oscilloscopes
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4054A KEYSIGHT-DSOX4054A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
1000X KEYSIGHT-1000X Datasheet
4Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
MSOX4154A KEYSIGHT-MSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX6002A KEYSIGHT-MSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
MSOX6004A KEYSIGHT-MSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com