Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMCG24S5-5000 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CMCG24S5-5000
Description  30 Watt Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG24S5-5000 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CMCG24S5-5000 Datasheet HTML 1Page - Wall Industries,Inc. CMCG24S5-5000 Datasheet HTML 2Page - Wall Industries,Inc. CMCG24S5-5000 Datasheet HTML 3Page - Wall Industries,Inc. CMCG24S5-5000 Datasheet HTML 4Page - Wall Industries,Inc. CMCG24S5-5000 Datasheet HTML 5Page - Wall Industries,Inc. CMCG24S5-5000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin and off during a logic low. Negative
logic remote on/off turns the module off during a logic low and on during a logic high. To turn the power module on and off, the user must
supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -0.7V to 1.0V.
A logic high is 2.5V to 100V.
The maximum sink current at the On/Off terminal (Pin 3) during a logic low is 100 mA. The maximum allowable leakage current of a switch
connected to the On/Off terminal (Pin 3) at logic high (2.5V to 100V) is 5uA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module.
The output voltage can be adjusted by placing an external resistor (Radj) between the Trim and +Vout or -Vout terminals. By adjusting
Radj, the output voltage can be changed by ±10% of the nominal output voltage.
A 10K, 1 or 10 Turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not used.
Connecting the external resistor (Radj (up)) between the Trim and -Vout pins increases the output voltage set point as defined by the following
equation:
Connecting the external resistor (Radj (down)) between the Trim and +Vout pins decreases the output voltage set point as defined by the
following equation:
Vout:
Nominal Output Voltage
Vadj:
Adjusted Output Voltage
Units:
VDC/KΩ
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of
the power module.
out
adj
adj
out
)
up
(
adj
V
V
)
V
30
(
)
V
33
(
R
=
adj
out
out
adj
)
down
(
adj
V
V
)
V
33
(
)
V
667
.
36
(
R
=


Similar Part No. - CMCG24S5-5000

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
CUI Devices
CMC-2242PBL-A CUID-CMC-2242PBL-A Datasheet
992Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
logo
CUI INC
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
logo
CUI Devices
CMC-2742PBJ-A CUID-CMC-2742PBJ-A Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
CMC-2742PBJ-A CUID-CMC-2742PBJ-A Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
More results

Similar Description - CMCG24S5-5000

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com