Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX1000-AB9 Datasheet(PDF) 9 Page - Keysight Technologies

Part # DSOX1000-AB9
Description  InfiniiVision 1000 X-Series Oscilloscopes
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX1000-AB9 Datasheet(HTML) 9 Page - Keysight Technologies

Back Button DSOX1000-AB9 Datasheet HTML 5Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 6Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 7Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 8Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 9Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 10Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 11Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 12Page - Keysight Technologies DSOX1000-AB9 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
09 | Keysight | InfiniiVision 1000 X-Series Oscilloscopes - Data Sheet
3� Hardware-based serial protocol decode and
triggering
Protocols supported
– I2C, UART/RS232 for EDU models (EDUX1EMBD)
– I2C, SPI, UART/RS232 for DSO models (DSOX1EMBD)
– CAN, LIN (automotive) for DSO models (DSOX1AUTO)
When you add optional software, the 1000 X-Series is a powerful
protocol analyzer that can do powerful decode and hardware-
based triggering that enables specialized serial communication
analysis� Other vendors’ oscilloscopes use software post-
processing techniques that slow down the waveform and decode
update rate, but the 1000 X-Series has faster decoding by using
hardware-based technology that enhances scope usability and
the probability of capturing infrequent serial communication
errors�
4 and 5� Digital voltmeter and frequency counter
The 1000 X-Series has an integrated 3-digit voltmeter (DVM) and
5-digit frequency counter inside each oscilloscope� The voltmeter
operates through probes connected to the oscilloscope channels,
but its measurement is de-coupled from the oscilloscope
triggering system so both the DVM and triggered oscilloscope
measurements can be made with the same connection� You can
quickly measure AC RMS, DC, DC RMS and frequency without
configuring the oscilloscope capture� The voltmeter results
are always displayed, keeping these quick characterization
measurements at your fingertips� Turn on the DVM capability
for no addition cost by registering your oscilloscope at
www.keysight.com/find/1000X-Series-DVM�
Scrap the Toys, Get a Real Oscilloscope (Continued)
The DVM makes accurate RMS measurements when the signal frequency
is between 20 Hz and 100 kHz�


Similar Part No. - DSOX1000-AB9

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX1102A KEYSIGHT-DSOX1102A Datasheet
2Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
DSOX1204A KEYSIGHT-DSOX1204A Datasheet
1Mb / 108P
   Keysight InfiniiVision Oscilloscopes
DSOX1204G KEYSIGHT-DSOX1204G Datasheet
1Mb / 108P
   Keysight InfiniiVision Oscilloscopes
More results

Similar Description - DSOX1000-AB9

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
EDUX1002A KEYSIGHT-EDUX1002A Datasheet
2Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
DSOX1102A KEYSIGHT-DSOX1102A Datasheet
2Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4054A KEYSIGHT-DSOX4054A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4154A KEYSIGHT-MSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX6002A KEYSIGHT-MSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
MSOX6004A KEYSIGHT-MSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com