Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2771A Datasheet(PDF) 2 Page - Keysight Technologies

Part No. N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

N2771A Datasheet(HTML) 2 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Introduction
Four channels in only 1U space
Industry-leading performance:
– 4-channel digital storage oscilloscope (DSO) models
– Low profile, high density 1U (4.45 cm, 1.75 inches) package
– LXI class C compliant
– 100 MHz, 500 MHz and 1 GHz analog bandwidth
– Up to 4 GSa/s sample rate
– Standard 8 Mpts MegaZoom III deep memory
– Full-scale connectivity – Standard USB, LAN, GPIB interface with XGA video output
– 8-bit vertical resolution (extensible to 12 bits)
– Built-in Web browser control
– IVI-COM driver
– 100% software compatible with 6000A Series portable oscilloscopes
– Optional segmented memory application
– Optional secure environment mode
The highest performance and lowest cost automated
test oscilloscope in its class.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn