Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2771A Datasheet(PDF) 15 Page - Keysight Technologies

Part No. N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

N2771A Datasheet(HTML) 15 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Ordering information (continued)
Active single-ended probes
Product number
Description
1144A
800-MHz active probe
1145A
2-channel 750-MHz active probe
1142A
Power supply for 1144A and 1145A
1156A
1.5-GHz active probe with AutoProbe interface (power supply not required)
Active differential probes
Product number
Description
N2791A
25 MHz differential probe
1130A
1.5 GHz InfiniiMax differential probe amplifier with AutoProbe interface
(Order one or more InfiniiMax probe heads or connectivity kits per amplifier.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn