Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2771A Datasheet(PDF) 11 Page - Keysight Technologies

Part No. N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

N2771A Datasheet(HTML) 11 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Performance characteristics (continued)
FFT
Points
Fixed at 1000 points
Source of FFT
Scope channels 1, 2, 3 or 4, 1+2, 1-2, 1x2
Window
Rectangular, flattop, Hanning
Noise floor
–50 to –90 dB depending on averaging
Amplitude
Display in dBV, dBm at 50 Ω
Frequency resolution
0.05/(time per div)
Maximum frequency
50/(time per div)
Storage
Save/recall (non-volatile)
10 setups and traces can be saved and recalled internally. Secure environment mode (-SEC)
ensures setups and traces are stored to volatile memory.
Storage type and format
USB 1.1 drive on front (/drive0) and rear (/drive5) panels
Image formats: BMP (8 bit), BMP (24 bit) and PNG (24 bit)
Data formats: X and Y (time/voltage) values in CSV, ASCII XY and binary format
Trace/setup formats: Recalled
I/O
Standard ports
USB 2.0 high speed, 10/100-BaseT LAN, IEEE488.2 GPIB, XGA video output
Max transfer rate
IEEE488.2 GPIB: 500 kbytes/sec
USB (USBTMC-USB488): 3.5 Mbytes/sec
100 Mbps LAN (TCP/IP): 1 Mbytes/sec
Remote front panel
Built-in help
language support for English, German, French, Russian, Japanese, Traditional
Chinese, Simplified Chines, Korean, Spanish, Portuguese and Italian
Throughput of scope channels
100,000 waveforms/sec in real-time mode to remote monitor
Resolution of video output
XGA
Waveform controls
Waveform intensity of 256 levels, vectors on/off, infinite persistence on/off
General characteristics
Rack mounting
Suppliedwithallnecessaryhardware(excepttools)forinstallationintoastandardEIA19-inch
rack
Physical size
43.5 cm W x 27 cm D x 4.2 cm H (without brackets)
Weight
Net: 2.45 kg (5.4 lbs.)
Shipping: 6.2 kg (13.6 lbs.)
Probe comp output
Frequency ~1.2 kHz
Amplitude ~2.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn