Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2771A Datasheet(PDF) 10 Page - Keysight Technologies

Part No. N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

N2771A Datasheet(HTML) 10 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Performance characteristics (continued)
Logic (D15 - D0) channel triggering (with MSO option)
Threshold range (user defined)
±8.0 V in 10 mV increments
Threshold accuracy*
±(100 mV + 3% of threshold setting)
Predefined thresholds
TTL = 1.4 V, CMOS = 2.5 V, ECL = –1.3 V
* Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.
External (EXT) triggering
Input resistance
1.015 kΩ ± 5% (DSO6014L)
2.14 kΩ ± 5% (DSO6054L/6104L)
Maximum input
±15 V
Range
±5 V
Sensitivity
DC to 100 MHz: 500 mV (DSO6014L)
DC to 500 MHz: 500 mV (DSO6054L/6104L)
Coupling
AC (~ 3.5 Hz), DC, noise reject, HF reject and LF reject (~ 50 kHz)
Probe ID
Auto probe sense (DSO6014L)
Auto probe sense and AutoProbe interface (DSO6054L/6104L)
Measurement features
Automatic measurements
Measurements are continuously updated. Cursors track last selected measurement
Voltage (scope channels only)
Peak-to-peak, maximum, minimum, average, amplitude, top, base, overshoot, preshoot, RMS,
standard deviation (AC RMS)
Time
Frequency, period, + width, – width and duty cycle on any channels
Rise time, fall time, X at max Y (time at max volts), X at min Y (time at min volts), delay, and
phase on scope channels only
Counter
Built-in 5-digit frequency counter on any scope channel. Counts up to the scope’s bandwidth
(1 GHz max). The counter resolution can be increased to 8 digits with an external 10 MHz
reference.
Threshold definition
Variable by percent and absolute value; 10%, 50%, 90% default for time measurements
Cursors
Manually or automatically placed readout of horizontal (X, ∆X, 1/∆X) and vertical (Y, ∆Y).
Tracking cursors provide an additional mode for cursor positioning beyond the current manual
method. When cursor tracking is enabled, changing a cursor's x-axis position results in the y-
axis cursor tracking the corresponding y-axis (voltage, current, etc.) value. Additionally logic or
scope channels can be displayed as binary or hex values
Waveform math
f (g(t))
g(t): { 1, 2, 3, 4, 1-2, 1+2, 1x2, 3-4, 3+4, 3x4}
f(t): { 1-2, 1+2, 1x2, 3-4, 3+4, 3x4, FFT(g(t)), differentiate d/dt g(t), integrate ∫ g(t) dt, square root
√g(t) } Where 1,2,3,4 represent analog input channels 1, 2, 3, and 4
Note: Channels 3 and 4 only available on DSO6xx4L models
Measurement statistics
Statisticaldataforenabledmeasurementssuchasmean,min,max,standarddeviationandcount.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn