Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2771A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2771A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N2771A Datasheet HTML 2Page - Keysight Technologies N2771A Datasheet HTML 3Page - Keysight Technologies N2771A Datasheet HTML 4Page - Keysight Technologies N2771A Datasheet HTML 5Page - Keysight Technologies N2771A Datasheet HTML 6Page - Keysight Technologies N2771A Datasheet HTML 7Page - Keysight Technologies N2771A Datasheet HTML 8Page - Keysight Technologies N2771A Datasheet HTML 9Page - Keysight Technologies N2771A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
06 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Mixed signal analysis option
If you work with both analog and
digital circuitry, the InfiniiVision
6000L Series oscilloscope can
help you see more signal activity
in your designs. You can upgrade
the 6000L Series oscilloscope to
a 4 scope +16 logic timing channel
mixed signal oscilloscope (MSO).
With the MSO you can trigger on
any combination of its scope and
logic channels.
Easy programming transition
One of the biggest challenges in
a new product’s life cycle is the
transition of its test system from
development to manufacturing.
With LXI, the transition can
be achieved much more easily
and cost effectively than with
cardcage-based systems.
Engineers can use the LXI class
C compliant InfiniiVision 6000A
Series portable oscilloscope
during the R&D phase, using
the display, keypad and knobs
to quickly access a wealth of
measurement capabilities.
When your product moves to
manufacturing, you can use a
system-optimized 6000L Series
LXI oscilloscope without
a display. Because the
InfiniiVision 6000A and 6000L
are 100% software compatible,
your manufacturing system can
use the software and test routines
developed in R&D without any
modification, while you save cost
and rack space by moving from a
standard bench-top oscilloscope
to a 1U high oscilloscope without
a display.
The MSO option lets you see the complex interactions among your signals on up
to 20 channels at the same time.
The InfiniiVision 6000A and 6000L Series oscilloscopes are 100% software compatible,
enabling smooth test system transition.


Similar Part No. - N2771A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2771B KEYSIGHT-N2771B Datasheet
1Mb / 15P
   DSO1000A/B Series
More results

Similar Description - N2771A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TDS310 ETC2-TDS310 Datasheet
2Mb / 242P
   Two Channel Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
logo
Agilent(Hewlett-Packard...
54600 HP-54600 Datasheet
1Mb / 24P
   54600-Series Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com