Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2771A Datasheet(PDF) 3 Page - Keysight Technologies

Part No. N2771A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

N2771A Datasheet(HTML) 3 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
03 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Low-profile, high-density
package saves rack space
The InfiniiVision 6000L Series
oscilloscopes provide up to 1-GHz
bandwidth in a space-saving
1U-high 19-inch wide package so
it saves your valuable rack space.
The oscilloscopes have side and
rear air vents (no top or bottom
air vents) so other instruments
can be mounted directly above or
below them. Rack mount brackets
and rack rails are standard with
every unit.
LXI class C compliant
LAN eXtensions for
Instrumentation (LXI) is the
architecture for test systems
that’s based on proven, widely
used standards such as Ethernet.
By specifying the interaction of
those standards, LXI enables
fast, efficient, cost-effective
creation and reconfiguration of
test systems. The InfiniiVision
6000L Series oscilloscopes are
fully LXI class C compliant.
The InfiniiVision 6000L Series
oscilloscopes follow specified
LAN protocols, and adhere to LXI
requirements such as a built-in
Web control server, IVI driver
software, and more.
Easy system integration
and configuration
To simplify system development,
the InfiniiVision 6000L Series
oscilloscopes come standard with
an IVI-COM (Interchangeable
Virtual Instruments) driver,
and they support easy-to-use
SCPI commands. The standard
Keysight Technologies, Inc. I/O
Library Suite makes it easy
to configure and integrate
instruments into your system
– even if your system includes
instruments from other vendors.
Make the most of your rack space with an InfiniiVision 6000L Series oscilloscope.
Establish instrument connection faster with Keysight I/O Library Suite.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn