Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2782A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N2782A
Description  Low-Profile Oscilloscopes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2782A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N2782A Datasheet HTML 4Page - Keysight Technologies N2782A Datasheet HTML 5Page - Keysight Technologies N2782A Datasheet HTML 6Page - Keysight Technologies N2782A Datasheet HTML 7Page - Keysight Technologies N2782A Datasheet HTML 8Page - Keysight Technologies N2782A Datasheet HTML 9Page - Keysight Technologies N2782A Datasheet HTML 10Page - Keysight Technologies N2782A Datasheet HTML 11Page - Keysight Technologies N2782A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
08 | Keysight | InfiniiVision 6000L Series Low-Profile Oscilloscopes - Data Sheet
Performance characteristics
Scope input
Channels
Ch 1, 2, 3 and 4 simultaneous acquisition
Bandwidth (–3 dB)*
DSO6014L: DC to 100 MHz
DSO6054L: DC to 500 MHz
DSO6104L: DC to 1 GHz
Maximum input
CAT I 300 Vrms, 400 Vpk, CAT II 100 Vrms, 400 Vpk
With 10073C/10074C 10:1 probe: CAT I 500 Vpk, CAT II 400 Vpk
5 Vrms with 50 Ω input
Full Scale range1
DSO6014L: 1 mV/div to 5 V/div (1 MΩ)
DSO6054L: 2 mV/div to 5 V/div (1 MΩ or 50 Ω)
DSO6104L: 2 mV/div to 5 V/div (1 MΩ), 2 mV/div to 1 V/div (50 Ω)
Input impedance
DSO6014L2: 1 MΩ ± 1% || 11pF
DSO6054L/6104L: 1 MΩ ± 1% || 14pF or 50 Ω ± 1.5%, selectable
Coupling
AC, DC
Offset range
±5 V on ranges < 10 mV/div
±25 V on ranges 10 mV/div to 200 mV/div
±75 V on ranges ≥ 200 mV/div
Connector
BNC
BW limit
DSO6014L: 20MHz
DSO6054L/6104L: 25 MHz selectable
Noise peak-to-peak
DSO6014L: 3% full scale or 2 mV, whichever is greater
DSO6054L: 3% full scale or 3.6 mV, whichever is greater
DSO6104L: 3% full scale or 4.5 mV, whichever is greater
DC Vertical
* Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.
1 1 mV/div is a magnification of 2 mV/div. 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 16 mV for 1 mV/div sensitivity
setting and 32 mV for 2 mV/div sensitivity setting.
2 Four 50 Ω termination adapters are supplied with DSO6014L.
Logic channels (with MSO option)
Number of channels
16 logic timing channels – labeled D15 - D0
Maximum input frequency
250 MHz
Sample rate
2 GSa/sec one pod*, 1 GSa/sec each pod
Memory depth
1 pod /both pod
Standard memory
8 Mpts/4 Mpts
Vertical resolution
1 bit
Threshold selections
TTL, CMOS, ECL, user-definable (selectable by pod)
Maximum input voltage
±40 V peak CAT I
Glitch detection
2 ns (min pulse width)
* A pod is a group of 8 digital channels. either 0-8 or 9-16


Similar Part No. - N2782A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
   AC/DC Current Probes
More results

Similar Description - N2782A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TDS310 ETC2-TDS310 Datasheet
2Mb / 242P
   Two Channel Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
logo
Agilent(Hewlett-Packard...
54600 HP-54600 Datasheet
1Mb / 24P
   54600-Series Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com