Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX6B10T604BW Datasheet(PDF) 3 Page - Keysight Technologies

Part # DSOX6B10T604BW
Description  InfiniiVision 6000 X-Series Oscilloscopes
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6B10T604BW Datasheet(HTML) 3 Page - Keysight Technologies

  DSOX6B10T604BW Datasheet HTML 1Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 2Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 3Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 4Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 5Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 6Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 7Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 8Page - Keysight Technologies DSOX6B10T604BW Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
03 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
In the past, if you wanted an oscilloscope with exceptional
performance, you could expect to pay a premium. Not anymore.
The InfiniiVision 6000 X-Series oscilloscopes combine price and
performance to set a new standard in the portable oscilloscope
world. Imagine a 6 GHz bandwidth oscilloscope that sees and
triggers on everything, helps you visualize complex waveforms
and grows with your projects.
The InfiniiVision 6000 X-Series oscilloscopes are designed for the
most demanding engineers who want bandwidth, visualization
power and the flexibility that comes with integrated capabilities
— but with portability, a familiar embedded OS user interface, and
an affordable price.
New bandwidth standard: Capture higher-
frequency waveforms
An oscilloscope’s bandwidth determines the maximum frequency
content it can acquire and visualize. In today’s budget-challenged
environment, engineers frequently are forced to make
compromises between more bandwidth and limited budget. The
6000 X-Series delivers the answer with an affordable 6-GHz
bandwidth and an incredibly low noise floor of 210 µVrms at
1 mV/div to help you make the most accurate measurements.
New visualization standard: Isolate waveforms of
interest
The new InfiniiVision 6000 X-Series’ 450,000 waveforms-per-
second update rate coupled with the exclusive hardware-based
zone touch trigger provide unprecedented visualization power
to help you isolate your waveforms of interest. Add a whole new
depth of “visualization” to your designs with features like the
industry’s first 12-inch multi-touch capacitive touch screen with
gesture support, the first embedded-OS-oscilloscope optional
jitter/real-time eye analysis, and standard histogram and color
grade.
New integration standard: Make your job easier
The 6000 X-Series has 7-in-1 integration, combining digital
channels, serial protocol analysis, a built-in dual-channel
waveform generator, frequency response analysis, built-in digital
multimeter, and built-in 10-digit counter with totalizer. It also
integrates multi-language voice control for the first time in an
oscilloscope. It weighs only 6.8 kg, measures only 15.4 cm deep,
and consumes only 200 W, making the 6000 X-Series the world’s
most environmentally-friendly multi-GHz portable oscilloscope.
The InfiniiVision 6000 X-Series sets the new standard.
Key features of the 6000 X-Series oscilloscopes
New bandwidth standard:
– Portable, 6-GHz, 20-GSa/s
– 210-µVrms noise floor at 1 mV/div (6 GHz)
– 115-µVrms noise floor at 1 mV/div (1 GHz)
New visualization standard:
– > 450,000 wfms/sec update rate
– Hardware zone touch trigger
– 12.1-inch capacitive multi-touch screen
– Histogram, color grade, jitter analysis (option), real-time eye
diagram analysis (option), and more
New integration standard:
– 7 instruments in 1 (now with 10-digit counter)
– Standard multi-language voice control
– Bandwidth and options are upgradable
New Standard for Price Performance: Bandwidth, Visualization, and Integration


Similar Part No. - DSOX6B10T604BW

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX6002A KEYSIGHT-DSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6004A KEYSIGHT-DSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6AERO KEYSIGHT-DSOX6AERO Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX6FPGAX KEYSIGHT-DSOX6FPGAX Datasheet
3Mb / 11P
   InfiniiVision MSO Dynamic Probe
DSOX6JITTER KEYSIGHT-DSOX6JITTER Datasheet
1Mb / 8P
   Jitter Analysis Option
More results

Similar Description - DSOX6B10T604BW

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOX6002A KEYSIGHT-MSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
MSOX6004A KEYSIGHT-MSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOXDVMCTR KEYSIGHT-DSOXDVMCTR Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6002A KEYSIGHT-DSOX6002A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX6004A KEYSIGHT-DSOX6004A Datasheet
2Mb / 41P
   InfiniiVision 6000 X-Series Oscilloscopes
DSOX4PWR KEYSIGHT-DSOX4PWR Datasheet
4Mb / 12P
   For InfiniiVision 3000, 4000 and 6000 X-Series Oscilloscopes
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com