Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX7841 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX7841
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX7841 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, RL = 5k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
INTERFACE TIMING CHARACTERISTICS
(VDD = +15V ±10%, VSS = -15V ±10%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, Figure 2a,
TA = TMIN to TMAX, unless otherwise noted.)
CONDITIONS
k
60
Input Impedance per DAC
µA
±300
Maximum Input Current per DAC
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Digital inputs = 0V or VCC
µA
±1
±10
IIN
V
-2
+2
Input Range
Input Current
V
4.75
5.25
VCC
VCC Digital Power Supply
V
13.5
16.5
VDD
VDD Analog Power-Supply
Range
V
-16.75
-13.5
VSS
VSS Analog Power-Supply
Range
VSS = -15V ±5%
VDD = +15V ±5%
dB
90
RL =
dB
RL =
90
PSRR,
∆VOUT / ∆VDD
PSRR,
∆VOUT / ∆VSS
mA
810
ISS
mA
810
IDD
Positive Supply Current
Negative Supply Current
(Note 2)
mA
0.5
ICC
Digital Supply Current
ns
0
t4
ns
50
t3
LDAC Pulse Width Low
CS Low to WR Low
CONDITIONS
ns
50
t1
CS Pulse Width Low
ns
50
t2
WR Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
15
t8
ns
0
t7
Data Valid to WR Hold
Address Valid to WR Setup
ns
0
t5
CS High to WR High
ns
20
t6
Data Valid to WR Setup
ns
0
t9
Address Valid to WR Hold
(Note 1)
pF
10
CIN
Input Capacitance
V
2.4
VIH
Input Voltage High
V
0.8
VIL
Input Voltage Low
DUTGND_ _ CHARACTERISTICS
POWER SUPPLIES
DIGITAL INPUTS
(Figure 2b)
ns
300
t10
CLR Pulse-Activation Time


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn