Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4961-3K Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4961-3K
Description  3.0 V to 32 V operating supply voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-3K Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4961-3K Datasheet HTML 16Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 17Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 18Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 19Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 20Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 21Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 22Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 23Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TLE4961-3K
Graphs of the Electrical Parameters
Data Sheet
20
Revision 1.0, 2012-05-15
6
Graphs of the Electrical Parameters
Figure 6-1
Power On Time tPON of the TLE4961-3K over Temperature
Figure 6-2
Signal Delay Time of the TLE4961-3K over Temperature
60
65
70
75
80
3V
50
55
60
50
30
10
10
30
50
70
90
110
130
150
T [°C]
14
14,5
15
15,5
3V
12V
12,5
13
13,5
-50
-30
-10
10
30
50
70
90
110
130
150
T [°C]


Similar Part No. - TLE4961-3K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-3M INFINEON-TLE4961-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
More results

Similar Description - TLE4961-3K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4968-1K INFINEON-TLE4968-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-10
TLE4964-3K INFINEON-TLE4964-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-06-04
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
TLE4961-1K INFINEON-TLE4961-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-5K INFINEON-TLE4961-5K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com