Electronic Components Datasheet Search |
|
TLE4961-1L Datasheet(PDF) 7 Page - Infineon Technologies AG |
|
TLE4961-1L Datasheet(HTML) 7 Page - Infineon Technologies AG |
7 / 26 page TLE4961-1L Product Description Data Sheet 7 Revision 1.0, 2012-07-18 1 Product Description 1.1 Overview Figure 1-1 Image of TLE4961-1L in the PG-SSO-3-2 Package 1.2 Features • 3.0 V to 32 V operating supply voltage • Operation from unregulated power supply • Reverse polarity protection (-18 V) • Overvoltage capability up to 42 V without external resistor • Output overcurrent & overtemperature protection • Active error compensation • High stability of magnetic thresholds • Low jitter (typ. 0.35 μs) • High ESD performance • Leaded package PG-SSO-3-2 (TLE4961-1L) 1.3 Target Applications Target applications for the TLE496x Hall switch family are all applications which require a high precision Hall switch with an operating temperature range from -40°C to 170°C. Its superior supply voltage range from 3.0 V to 32 V with overvoltage capability (e.g. load-dump) up to 42 V without external resistor makes it ideally suited for automotive and industrial applications. The magnetic behavior as a latch and switching thresholds of typical ±2 mT make the device especially suited for the use with a pole wheel for index counting applications as e.g. power closing and window lifter. Characteristic Supply Voltage Supply Current Sensitivity Interface Temperature Bipolar Hall Effect Latch 3.0~32 V 1.6 mA High BOP:2 mT BRP:-2 mT Open Drain Output -40°C to 170°C Table 1-1 Ordering Information Product Name Product Type Ordering Code Package TLE4961-1L Hall Latch SP000848038 PG-SSO-3-2 |
Similar Part No. - TLE4961-1L |
|
Similar Description - TLE4961-1L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |