Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE36 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE36
Description  Silicon Complementary Transistors AF Power Amplifier, High Current Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE36 Datasheet(HTML) 2 Page - NTE Electronics

  NTE36 Datasheet HTML 1Page - NTE Electronics NTE36 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage
V(BR)CBO IC = 5mA, IE = 0
160
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 5mA, RBE = ∞
140
V
IC = 50mA, RBE = ∞
140
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 5mA, IC = 0
6
V
Turn–On Time
NTE36
NTE37
ton
10IB1 = –10IB2 = IC = 1A,
PW = 20
µs
0.26
0.25
µs
Fall Time
NTE36
NTE37
tf
0.68
0.53
µs
Storage Time
NTE36
NTE37
ton
6.88
1.61
µs
Note 1. Matched complementary pairs are available upon request (NTE37MCP). Matched comple-
mentary pairs have their gain specification (hFE) matched to within 10% of each other.
.787
(20.0)
OR
(Note)
NOTE: Either case style may be shipped depending on stock.
.126
(3.22)
Dia
BC
E
.130 (3.3)
Dia
.215 (5.47)
.025 (0.65)
.197 (5.0)
.670 (17.0)
Max
.177 (4.5)
.217
(5.5)
.747
(19.0)
Min
.590
(15.0)
.866
(22.0)
.615 (15.62)
.591
(15.02)
.787
(20.0)
.215 (5.47)
BC
E
.190 (4.82)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn