Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT958_16 Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. FZT958_16
Description  400V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 4 page
background image
FZT958
Document number: DS36166 Rev. 6 - 2
4 of 7
www.diodes.com
December 2016
© Diodes Incorporated
FZT958
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-400
-600
V
IC = -100µA
Collector-Emitter Breakdown Voltage
BVCER
-400
-600
V
IC = -1µA, RB  1kΩ
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-400
-550
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8
V
IE = -100µA
Collector Cut-Off Current
ICBO
<1
-50
-1
nA
µA
VCB = -300V
VCB = -300V, TA = +100°C
Collector Cut-Off Current
ICER
<1
-50
nA
VCE = -300V, R  1kΩ
VCE = -300V, R  1kΩ, TA =
+100°C
Emitter Cut-Off Current
IEBO
<1
-10
nA
VEB = -6V
DC Current Transfer Static Ratio (Note 9)
hFE
100
200
IC = -10mA, VCE = -10V
100
200
300
IC = -0.5A, VCE = -10V
10
20
IC = -1A, VCE = -10V
Collector-Emitter Saturation Voltage (Note 9)
VCE(SAT)
-100
-150
mV
IC = -10mA, IB = -1mA
-150
-200
IC = -100mA, IB = -10mA
-340
-400
IC = -500mA, IB = -100mA
Base-Emitter Saturation Voltage (Note 9)
VBE(SAT)
-830
-950
mV
IC = -0.5A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(ON)
-725
-840
mV
IC = -0.5A, VCE = -10V
Transitional Frequency
fT
85
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output Capacitance
COBO
19
pF
VCB = -20V, f = 1MHz
Switching Time
tON
104
ns
VCC = -100V, IC = -500mA,
IB1 = -IB2 = -50mA
tOFF
2,400
Note:
9. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle  2%.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl