Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V852EJA Datasheet(PDF) 5 Page - OKI electronic componets

Part # MR27V852EJA
Description  524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V852EJA Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V852EJA Datasheet HTML 1Page - OKI electronic componets MR27V852EJA Datasheet HTML 2Page - OKI electronic componets MR27V852EJA Datasheet HTML 3Page - OKI electronic componets MR27V852EJA Datasheet HTML 4Page - OKI electronic componets MR27V852EJA Datasheet HTML 5Page - OKI electronic componets MR27V852EJA Datasheet HTML 6Page - OKI electronic componets MR27V852EJA Datasheet HTML 7Page - OKI electronic componets MR27V852EJA Datasheet HTML 8Page - OKI electronic componets MR27V852EJA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FEDR27V852E-01-01
1Semiconductor
MR27V852E
5/13
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
CC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
I
LI
V
I = 0 to VCC
——
10
µA
Output leakage current
I
LO
V
O = 0 to VCC
——
10
µA
I
CCSC
CE = V
CC
——
50
µA
V
CC power supply current
(Standby)
I
CCST
CE = V
IH
——
1
m
Α
V
CC power supply current
(Read)
I
CCA
CE = V
IL, OE = VIH
tc = 100 ns
——
80
mA
V
PP power supply current
I
PP
V
PP = VCC
——
10
µA
Input “H” level
V
IH
—2.2
V
CC+0.5∗
V
Input “L” level
V
IL
–0.5
∗∗
—0.6
V
Output “H” level
V
OH
I
OH = –2 mA
2.4
V
Output “L” level
V
OL
I
OL = 2.1 mA
0.4
V
Voltage is relative to V
SS.
∗ : Vcc+1.5 V(Max.) when pulse width of overshoot is less than 10 ns.
∗∗ : -1.5 V(Min.) when pulse width of undershoot is less than 10 ns.
AC Characteristics
(V
CC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
t
C
100
ns
Address access time
t
ACC
CE = OE = V
IL
100
ns
Page cycle time
t
PC
—30
ns
Page access time
t
PAC
30
ns
CE access time
t
CE
OE = V
IL
100
ns
OE access time
t
OE
CE = V
IL
—30
ns
t
CHZ
OE = V
IL
030
ns
Output disable time
t
OHZ
CE = V
IL
025
ns
Output hold time
t
OH
CE = OE = V
IL
0—
ns
Measurement conditions
Input signal level-------------------------------- 0 V/3 V
Input timing reference level ------------------ 0.8 V/2.0 V
Output load -------------------------------------- 100 pF
Output timing reference level---------------- 0.8 V/2.0 V


Similar Part No. - MR27V852EJA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DMA OKI-MR27V852DMA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DRA OKI-MR27V852DRA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DTP OKI-MR27V852DTP Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MR27V852EJA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com