Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V852ERA Datasheet(PDF) 10 Page - OKI electronic componets

Part # MR27V852ERA
Description  524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V852ERA Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V852ERA Datasheet HTML 5Page - OKI electronic componets MR27V852ERA Datasheet HTML 6Page - OKI electronic componets MR27V852ERA Datasheet HTML 7Page - OKI electronic componets MR27V852ERA Datasheet HTML 8Page - OKI electronic componets MR27V852ERA Datasheet HTML 9Page - OKI electronic componets MR27V852ERA Datasheet HTML 10Page - OKI electronic componets MR27V852ERA Datasheet HTML 11Page - OKI electronic componets MR27V852ERA Datasheet HTML 12Page - OKI electronic componets MR27V852ERA Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FEDR27V852E-01-01
1Semiconductor
MR27V852E
10/13
Programming/Verify Flow Chart
NG
YES
NO
NO
V
CC = 3.0 V/VPP = 3.0 V (Verify1)
Device Passed
Start
Last Address?
X = 0
Verify(One Word)
Last Address?
NG
X = 2?
X = X+1
Increment Address
Program 10
µs
Programming
Pin Check
NG
PASS
Verify
Verify
Start
Verify
Pin Check
Bad Insertion
Device Passed
YES
YES
PASS
PASS
NG
PASS
NG
PASS
NG
PASS
NO
V
CC = 3.6 V/VPP = 3.6 V (Verify2)
Device Failed
Bad Insertion
Address = First Location
V
CC = 4.0 V
V
PP = 9.75 V
Program 10
µs
Verify
Device Failed
V
CC = 3.0 V/VPP = 3.0 V (Verify1)
Address = First Location
Increment Address
Address = First Location


Similar Part No. - MR27V852ERA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DMA OKI-MR27V852DMA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DRA OKI-MR27V852DRA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DTP OKI-MR27V852DTP Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MR27V852ERA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com