Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V852E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V852E
Description  524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR27V852E Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FEDR27V852E-01-01
1Semiconductor
MR27V852E
5/13
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
CC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
I
LI
V
I = 0 to VCC
——
10
µA
Output leakage current
I
LO
V
O = 0 to VCC
——
10
µA
I
CCSC
CE = V
CC
——
50
µA
V
CC power supply current
(Standby)
I
CCST
CE = V
IH
——
1
m
Α
V
CC power supply current
(Read)
I
CCA
CE = V
IL, OE = VIH
tc = 100 ns
——
80
mA
V
PP power supply current
I
PP
V
PP = VCC
——
10
µA
Input “H” level
V
IH
—2.2
V
CC+0.5∗
V
Input “L” level
V
IL
–0.5
∗∗
—0.6
V
Output “H” level
V
OH
I
OH = –2 mA
2.4
V
Output “L” level
V
OL
I
OL = 2.1 mA
0.4
V
Voltage is relative to V
SS.
∗ : Vcc+1.5 V(Max.) when pulse width of overshoot is less than 10 ns.
∗∗ : -1.5 V(Min.) when pulse width of undershoot is less than 10 ns.
AC Characteristics
(V
CC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
t
C
100
ns
Address access time
t
ACC
CE = OE = V
IL
100
ns
Page cycle time
t
PC
—30
ns
Page access time
t
PAC
30
ns
CE access time
t
CE
OE = V
IL
100
ns
OE access time
t
OE
CE = V
IL
—30
ns
t
CHZ
OE = V
IL
030
ns
Output disable time
t
OHZ
CE = V
IL
025
ns
Output hold time
t
OH
CE = OE = V
IL
0—
ns
Measurement conditions
Input signal level-------------------------------- 0 V/3 V
Input timing reference level ------------------ 0.8 V/2.0 V
Output load -------------------------------------- 100 pF
Output timing reference level---------------- 0.8 V/2.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V1652E1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn