Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS3L30R07W2H3F-B11 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FS3L30R07W2H3F-B11
Description  High Speed IGBT H3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS3L30R07W2H3F-B11 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FS3L30R07W2H3F-B11 Datasheet HTML 1Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 2Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 3Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 4Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 5Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 6Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 7Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 8Page - Infineon Technologies AG FS3L30R07W2H3F-B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TechnischeInformation/TechnicalInformation
FS3L30R07W2H3F_B11
IGBT-Modul
IGBT-Module
preparedby:CE
approvedby:MB
dateofpublication:2014-07-22
revision:3.1
ULapproved(E83335)
EasyPACKModulmitschnellemTrench/FeldstoppIGBT3undEmitterControlled3DiodeundPressFIT/
NTC
EasyPACKmodulewithfastTrench/FieldstopIGBT3andEmitterControlled3diodeandPressFIT/NTC
J
VCES = 650V
IC nom = 30A / ICRM = 60A
TypischeAnwendungen
TypicalApplications
3-Level-Applikationen
3-Level-Applications
Motorantriebe
MotorDrives
SolarAnwendungen
SolarApplications
USV-Systeme
UPSSystems
ElektrischeEigenschaften
ElectricalFeatures
HighSpeedIGBTH3
HighSpeedIGBTH3
NiedrigeSchaltverluste
LowSwitchingLosses
thinQHSiCSchottkyDiode650V
thinQHSiCSchottkydiode650V
MechanischeEigenschaften
MechanicalFeatures
Al2O3 Substrat mit kleinem thermischen
Widerstand
Al2O3SubstratewithLowThermalResistance
KompaktesDesign
Compactdesign
PressFITVerbindungstechnik
PressFITContactTechnology
Robuste Montage durch integrierte
Befestigungsklammern
Rugged mounting due to integrated mounting
clamps
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - FS3L30R07W2H3F-B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS3L30R07W2H3F_B11 INFINEON-FS3L30R07W2H3F_B11 Datasheet
962Kb / 14P
   EasyPACK Modul mit schnellem Trench/Feldstopp High-Speed 3 IGBT und SiC Diode und PressFIT / NTC
V3.2 2017-03-31
More results

Similar Description - FS3L30R07W2H3F-B11

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60B IXYS-IXSH30N60B Datasheet
131Kb / 4P
   High Speed IGBT
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
   High Speed IGBT
logo
Inchange Semiconductor ...
ISGM2003 ISC-ISGM2003 Datasheet
562Kb / 4P
   High-Speed IGBT
logo
IXYS Corporation
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
   High Speed IGBT
IXSH40N60 IXYS-IXSH40N60 Datasheet
55Kb / 2P
   High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
   High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
   High Speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
   High-Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
   High speed IGBT
logo
Inchange Semiconductor ...
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
   High-Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com