Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4-75R07W2H3-B51 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # F4-75R07W2H3-B51
Description  Increased blocking voltage capability to 650V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F4-75R07W2H3-B51 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button F4-75R07W2H3-B51 Datasheet HTML 3Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 4Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 5Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 6Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 7Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 8Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 9Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 10Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
TechnischeInformation/TechnicalInformation
F4-75R07W2H3_B51
IGBT-Modul
IGBT-Module
preparedby:MB
approvedby:AKDA
dateofpublication:2014-10-15
revision:2.0
VorläufigeDaten
PreliminaryData
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=150°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
VGE = 19V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=8.2
Ω,RGoff=8.2Ω,VCE=400V
IC [A]
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 150°C


Similar Part No. - F4-75R07W2H3-B51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F4-75R07W1H3_B11A INFINEON-F4-75R07W1H3_B11A Datasheet
851Kb / 10P
   EasyPACK Modul mit schnellem Trench/Feldstopp IGBT3 und Rapid 1 Diode und PressFIT / NTC
2014-03-05 revision:3.0
More results

Similar Description - F4-75R07W2H3-B51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
logo
Infineon Technologies A...
IKQ120N60T INFINEON-IKQ120N60T Datasheet
1Mb / 16P
   Increased current capability
Rev.2.2,2014-11-18
logo
NXP Semiconductors
BT139-600E NXP-BT139-600E_11 Datasheet
195Kb / 14P
   4Q Triac High blocking voltage capability
Rev. 04-24 February 2011
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
logo
IXYS Corporation
IXRH50N80 IXYS-IXRH50N80 Datasheet
46Kb / 2P
   IGBT with Reverse Blocking capability
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
   IGBT with Reverse Blocking capability
IXRH40N120 IXYS-IXRH40N120 Datasheet
115Kb / 5P
   IGBT with Reverse Blocking capability
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
BTA16-600B HAOPIN-BTA16-600B Datasheet
418Kb / 5P
   Blocking voltage to 600 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com