Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4-75R07W2H3-B51 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # F4-75R07W2H3-B51
Description  Increased blocking voltage capability to 650V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F4-75R07W2H3-B51 Datasheet(HTML) 5 Page - Infineon Technologies AG

  F4-75R07W2H3-B51 Datasheet HTML 1Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 2Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 3Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 4Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 5Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 6Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 7Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 8Page - Infineon Technologies AG F4-75R07W2H3-B51 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
TechnischeInformation/TechnicalInformation
F4-75R07W2H3_B51
IGBT-Modul
IGBT-Module
preparedby:MB
approvedby:AKDA
dateofpublication:2014-10-15
revision:2.0
VorläufigeDaten
PreliminaryData
MOSFET/MOSFET
HöchstzulässigeWerte/MaximumRatedValues
Drain-Source-Sperrspannung
Drain-sourcebreakdownvoltage
Tvj = 25°C
VDSS

650
 V
Drain-Gleichstrom
DCdraincurrent
TC = 100°C
TC = 25°C
ID nom
ID

30
50
 A
A
GepulsterDrainstrom,tplimitiertdurch
Tjmax
Pulseddraincurrent,tplimitedbyTjmax
ID puls

100
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C
Ptot

520
 W
Gate-Source-Spitzenspannung
Gate-sourcepeakvoltage
VGSS

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Einschaltwiderstand
Drain-sourceonresistance
ID = 30 A, VGS = 10 V, Tvj = 25°C
RDS on
38,0
42,0
m
Gate-Schwellenspannung
Gatethresholdvoltage
ID = 3,30 mA, VDS = VGS, Tvj = 25°C
VGS(th)
2,50
3,00
3,50
V
Gateladung
Gatecharge
VGS = 10 V, VDD= 480 V
QG
0,33
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
0,7
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VDS = 25 V, VGS = 0 V
Ciss
8,00
nF
Ausgangskapazität
Outputcapacitance
f = 1 MHz, Tvj = 25°C, VDS = 25 V, VGS = 0 V
Coss
7,50
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VDS = 25 V, VGS = 0 V
Crss
0,80
nF
Drain-Source-Reststrom
Zerogatevoltagedraincurrent
VDS = 650 V, VGS = 0 V, Tvj = 25°C
IDSS
2,00
µA
Gate-Source-Reststrom
Gate-sourceleakagecurrent
VDS = 0 V, VGS = 20 V, Tvj = 25°C
IGSS
100
nA
Einschaltverzögerungszeit,induktiveLast
Turnondelaytime,inductiveload
ID = 30 A, VDS = 400 V
VGS = 10 V
RG = 7,50
td on
20,0
17,5
16,0
ns
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
ID = 30 A, VDS = 400 V
VGS = 10 V
RG = 7,50
tr
15,0
15,5
16,0
ns
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turnoffdelaytime,inductiveload
ID = 30 A, VDS = 400 V
VGS = 10 V
RG = 7,50
td off
210
220
220
ns
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
ID = 30 A, VDS = 400 V
VGS = 10 V
RG = 7,50
tf
7,50
9,00
9,00
ns
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
ID = 30 A, VDS = 400 V, L
σ = 25 nH
VGS = 10 V, di/dt = 1600 A/µs (Tvj = 150)
RG = 7,50
Eon
0,32
0,36
0,37
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
ID = 30 A, VDS = 400 V, L
σ = 25 nH
VGS = 10 V, du/dt = 19500 V/µs (Tvj = 150)
RG = 7,50
Eoff
0,08
0,09
0,095
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
RthJC
0,35
0,40
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
pro MOS-FET / per MOS-FET
λPaste = 1 W/(m*K) /λgrease = 1 W/(m*K)
RthCH
0,40
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C
Revers-Diode/reverse-diode
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IS = 50 A, VGS = 0 V
IS = 50 A, VGS = 0 V
IS = 50 A, VGS = 0 V
VSD
0,85
0,70
1,30
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C


Similar Part No. - F4-75R07W2H3-B51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F4-75R07W1H3_B11A INFINEON-F4-75R07W1H3_B11A Datasheet
851Kb / 10P
   EasyPACK Modul mit schnellem Trench/Feldstopp IGBT3 und Rapid 1 Diode und PressFIT / NTC
2014-03-05 revision:3.0
More results

Similar Description - F4-75R07W2H3-B51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
logo
Infineon Technologies A...
IKQ120N60T INFINEON-IKQ120N60T Datasheet
1Mb / 16P
   Increased current capability
Rev.2.2,2014-11-18
logo
NXP Semiconductors
BT139-600E NXP-BT139-600E_11 Datasheet
195Kb / 14P
   4Q Triac High blocking voltage capability
Rev. 04-24 February 2011
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
logo
IXYS Corporation
IXRH50N80 IXYS-IXRH50N80 Datasheet
46Kb / 2P
   IGBT with Reverse Blocking capability
IXRH50N120 IXYS-IXRH50N120 Datasheet
53Kb / 2P
   IGBT with Reverse Blocking capability
IXRH40N120 IXYS-IXRH40N120 Datasheet
115Kb / 5P
   IGBT with Reverse Blocking capability
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
BTA16-600B HAOPIN-BTA16-600B Datasheet
418Kb / 5P
   Blocking voltage to 600 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com