Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17511 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC17511
Description  1 Channel H-Bridge Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17511 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC17511 Datasheet HTML 1Page - Motorola, Inc MPC17511 Datasheet HTML 2Page - Motorola, Inc MPC17511 Datasheet HTML 3Page - Motorola, Inc MPC17511 Datasheet HTML 4Page - Motorola, Inc MPC17511 Datasheet HTML 5Page - Motorola, Inc MPC17511 Datasheet HTML 6Page - Motorola, Inc MPC17511 Datasheet HTML 7Page - Motorola, Inc MPC17511 Datasheet HTML 8Page - Motorola, Inc MPC17511 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPC17511 :MAR.08. 2002 REV.0.5
SMARTMOS
R
MPC17511
16PIN SVM
1 Channel H-Bridge Driver IC
MPC17511 is a monolithic type SMOS5AP
SMARTMOS IC built in 1channel H-Bridge
Driver constituted LDMOSFET, input section
can be directly interfaced from the MCU.
This IC can control 4 mode output function
(Forward, Reverse, Brake, Open) by input logic.
This IC can drive various type of micro motor
and low loss.
Features
-Manufactured by SMOS5AP process technology
-Built in Charge-pump Circuit
1
MPC17511
1
2
3
4
5
6
7
8
C2L
C1L
VM
VC
EN
*SMARTMOS is a registered trademark of Motorola Inc.
*Specifications in this data sheet may be changed without prior notice.
14
13
12
11
10
9
16
15
C2H
TSWITCH
OUTB
PGND
OUTA
LGND
IN1
IN2
C1H
VG
IN3
Product Preview
(Top View)
Pin Connections
-Built in 1 Channel Circuit of H-Bridge Driver
-4 Mode Drive(Forward, Reverse, Brake, Open)
-Direct Interface from the MCU
-Low ON-Resistance Ron=0.6 ohm(Max.)
-IDR=1.0A (Cont.)
-Low Consumption Power
-Built in Shoot Through Current Prevention Circuit
-Built in Low Voltage Shutdown Circuit
-PWM Control frequency 200kHz(Max.)
-Comes in 16-pin VMFP
(pin pitch : 0.65mm)
M
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17511

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511AEL FREESCALE-MPC17511AEL Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511AEP FREESCALE-MPC17511AEP Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511AEP/R2 FREESCALE-MPC17511AEP/R2 Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511AEV FREESCALE-MPC17511AEV Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
[Old version datasheet]   QUAD 1/2-H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Motorola, Inc
MPC17533 MOTOROLA-MPC17533 Datasheet
1Mb / 10P
   SMARTMOS 2 Channel H-Bridge Driver IC
logo
AMtek SEMICONDUCTORS CO...
AM1025EA AMTEK-AM1025EA Datasheet
773Kb / 12P
   Single-channel H-bridge motor driver IC
Feb. 2017 V1.3
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com