Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1117DT20RKG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV1117DT20RKG
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117DT20RKG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV1117DT20RKG Datasheet HTML 2Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 3Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 4Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 5Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 6Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 7Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 8Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 9Page - ON Semiconductor NCV1117DT20RKG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP1117, NCV1117
www.onsemi.com
6
0
20
40
60
80
100
10
100
1.0 k
10 k
100 k
0
20
40
60
80
100
0
200
400
600
800
1000
Iout, OUTPUT CURRENT (mA)
fripple = 20 kHz
Vripple v 0.5 VP−P
Vout = 5.0 V
Vin − Vout = 3.0 V
Cout = 10 mF
Cadj = 25 mF
TA = 25°C
fripple, RIPPLE FREQUENCY (Hz)
Vout = 5.0 V
Vin − Vout = 3.0 V
Iout = 0.5 A
Cout = 10 mF
Cadj = 25 mF, f > 60 Hz
Vripple v 3.0 VP−P Vripple v 0.5 VP−P
Vin − Vout w 3.0 V
Figure 10. NCP1117XTA Ripple Rejection
vs. Output Current
Figure 11. NCP1117XTA Ripple Rejection
vs. Frequency
Figure 12. Output Capacitance vs. ESR
Figure 13. Typical ESR vs. Output Current
fripple = 120 Hz
Vripple v 3.0 VP−P
Vin − Vout w Vdropout
Cadj = 200 mF, f v 60 Hz
TA = 25°C
0.1
1
10
100
0.001
0.01
0.1
1
10
ESR, EQUIVALENT SERIES RESISTANCE (
W)
Vin = 3.0 V
Vout = 1.25 V
Iload = 5 mA − 1 A
Cin = 10 mF MLCC
TJ = 25°C
Region of Instability
Region of Stability
0.01
0.1
1
10
0
100
500
900 1000
Iout, OUTPUT CURRENT (mA)
Vin = 3.0 V
Vout = 1.25 V
Cin = 10 mF MLCC
Cout = 10 mF
TJ = 25°C
Region of Instability
Region of Stability
200
600
300
700
400
800
0
50E−9
100E−9
150E−9
200E−9
250E−9
10
100
1.0 k
10 k
100 k
FREQUENCY (Hz)
Cin = 10 mF Tantalum
Cout = 10 mF Tantalum
Vin − Vout = 3.0 V
Figure 14. Output Spectral Noise Density vs.
Frequency, Vout = 1V5
300E−9
350E−9
1 A
0.5 A
0.1 A


Similar Part No. - NCV1117DT20RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117DT20RKG ONSEMI-NCV1117DT20RKG Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT20RKG ONSEMI-NCV1117DT20RKG Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117DT20RKG ONSEMI-NCV1117DT20RKG Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results

Similar Description - NCV1117DT20RKG

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com