Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1117DT18T5G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV1117DT18T5G
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117DT18T5G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV1117DT18T5G Datasheet HTML 7Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 8Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 9Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 10Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 11Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 12Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 13Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 14Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP1117, NCV1117
www.onsemi.com
11
Figure 27. Constant Current Regulator
Figure 28. Slow Turn−On Regulator
Figure 29. Regulator with Shutdown
Figure 30. Digitally Controlled Regulator
Figure 31. Battery Backed−Up Power Supply
Figure 32. Adjusting Output of Fixed
Voltage Regulators
The 50
W resistor that is in series with the ground pin of the
upper regulator level shifts its output 300 mV higher than the
lower regulator. This keeps the lower regulator off until the
input source is removed.
Resistor R2 sets the maximum output voltage. Each
transistor reduces the output voltage when turned on.
1
2
Constant Current
Output
3
Input
NCP1117
XTA
++
10
mF
Iout +
Vref
R
) Iadj
10
mF
R
1
2
Output
3
Input
NCP1117
XTA
++
10
mF
10
mF
1N4001
R2
R1
10
mF
50 k
2N2907
1
2
Output
3
Input
NCP1117
XTA
++
10
mF
10
mF
120
2N2222
360
1.0 k
1.0 k
Output Control
On
Off
1
2
Output
3
Input
NCP1117
XTA
++
10
mF
10
mF
R1
2N2222
R2
1
50
W
2
Output
3
Input
NCP1117
XT50
++
10
mF
10
mF
+
RCHG
1
NCP1117
XT50
+
10
mF
6.6 V
5.3 V AC Line
5.0 V Battery
1
2
Output
3
Input
NCP1117
XT50
++
10
mF
+ 10
mF
10
mF
2.0 k
5.0 V to
12 V
Vout(Off) + Vref
Output Voltage Control
2
3


Similar Part No. - NCV1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results

Similar Description - NCV1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com