Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS80LV31-24WI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS80LV31-24WI
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV31-24WI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS80LV31-24WI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
IS80LV51
IS80LV31
Integrated Silicon Solution, Inc.
11
ADVANCE INFORMATION MC018-0A
10/01/98
ISSI®
The detail description of each bit is as follows:
PSW:
Program Status Word. Bit Addressable.
7
6
54321
0
CY
AC
F0
RS1
RS0
OV
P
Register Description:
CY
PSW.7
Carry flag.
AC
PSW.6
Auxiliary carry flag.
F0
PSW.5
Flag 0 available to the user for
general purpose.
RS1
PSW.4
Register bank selector bit 1.(1)
RS0
PSW.3
Register bank selector bit 0.(1)
OV
PSW.2
Overflow flag.
PSW.1
Usable as a general purpose flag
P
PSW.0
Parity flag. Set/Clear by hardware each
instruction cycle to indicate an odd/even
number of “1” bits in the accumulator.
Note:
1. The value presented by RS0 and RS1 selects the corresponding
register bank.
RS1
RS0
R00egister Bank
Address
0
0
0
00H-07H
0
1
1
08H-0FH
1
0
2
10H-17H
1
1
3
18H-1FH
PCON:
Power Control Register. Not Bit Addressable.
7
6
54321
0
SMOD —
GF1
GF0
PD
IDL
Register Description:
SMOD
Double baud rate bit. If Timer 1 is used to
generate baud rate and SMOD=1, the baud rate
is doubled when the serial port is used in modes
1, 2, or 3.
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
GF1
General purpose flag bit.
GF0
General purpose flag bit.
PD
Power-down bit. Setting this bit activates power-
down mode.
IDL
Idle mode bit. Setting this bit activates idle
mode. If 1s are written to PD and IDL at the
same time, PD takes precedence.
Note:
1. User software should not write 1s to reserved bits. These
bits may be used in future products to invoke new features.
IE:
Interrupt Enable Register. Bit Addressable.
7
6
54321
0
EA
ES
ET1
EX1
ET0 EX0
Register Description:
EA
IE.7
Disable all interrupts. If EA=0, no
interrupt will be acknowledged. If
EA=1, each interrupt source is
individually enabled or disabled by
setting or clearing its enable bit.
IE.6
Not implemented, reserve for future
use.(5)
IE.5
Not implemented, reserve for future
use.(5)
ES
IE.4
Enable or disable the serial port
interrupt.
ET1
IE.3
Enable or disable the timer 1 overflow
interrupt.
EX1
IE.2
Enable or disable external interrupt 1.
ET0
IE.1
Enable or disable the timer 0 overflow
interrupt.
EX0
IE.0
Enable or disable external interrupt 0.
Note:
To use any of the interrupts in the 80C51 Family, the follow-
ing three steps must be taken:
1. Set the
EA (enable all) bit in the IE register to 1.
2. Set the coresponding individual interrupt enable bit in
the IE register to 1.
3. Begin the interrupt service routine at the corresponding
Vector Address of that interrupt (see below).
Interrupt Source
Vector Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI & TI
0023H
4. In addition, for external interrupts, pins
INT0 and INT1
(P3.2 and P3.3) must be set to 1, and depending on
whether the interrupt is to be level or transition activated,
bits IT0 or IT1 in the TCON register may need to be set to
0 or 1.
ITX = 0 level activated (X = 0, 1)
ITX = 1 transition activated
5. User software should not write 1s to reserved bits. These
bits may be used in future products to invoke new features.


Similar Part No. - IS80LV31-24WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV32 ISSI-IS80LV32 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PL ISSI-IS80LV32-24PL Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PLI ISSI-IS80LV32-24PLI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQ ISSI-IS80LV32-24PQ Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQI ISSI-IS80LV32-24PQI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV31-24WI

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com