Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS80LV31-24WI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS80LV31-24WI
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV31-24WI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS80LV31-24WI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS80LV31-24WI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
IS80LV51
IS80LV31
10
Integrated Silicon Solution, Inc.
ADVANCE INFORMATION MC018-0A
10/01/98
ISSI®
Table 2: Special Function Register
Symbol
Description
Direct Address
Bit Address, Symbol, or Alternative Port Function
Reset Value
ACC(1)
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B(1)
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPH
Data pointer (DPTR) high
83H
00H
DPL
Data pointer (DPTR) low
82H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE(1)
Interrupt enable
A8H
EA
ES
ET1
EX1
ET0
EX0
0XX00000B
BF
BE
BD
BC
BB
BA
B9
B8
IP(1)
Interrupt priority
B8H
PS
PT1
PX1
PT0
PX0
XXX00000B
87
86
85
84
83
82
81
80
P0(1)
Port 0
80H
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2 P0.1 P0.0
FFH
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
97
96
95
94
93
92
91
90
P1(1)
Port 1
90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2 P1.1 P1.0
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2(1)
Port 2
A0H
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2 P2.1 P2.0
FFH
AD15 AD14
AD13 AD12 AD11 AD10 AD9
AD8
B7
B6
B5
B4
B3
B2
B1
B0
P3(1)
Port 3
B0H
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2 P3.1 P3.0
FFH
RD
WR
T1
T0
INT1 INT0 TXD RXD
PCON
Power control
87H
SMOD
GF1
GF0
PD
IDL
0XXX0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW(1)
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
SBUF
Serial data buffer
99H
XXXXXXXXB
9F
9E
9D
9C
9B
9A
99
98
SCON(1)
Serial controller
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON(1)
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TMOD
Timer mode
89H
GATE
C/
T
M1
M0
GATE
C/
T
M1
M0
00H
TH0
Timer high 0
8CH
00H
TH1
Timer high 1
8DH
00H
TL0
Timer low 0
8AH
00H
TL1
Timer low 1
8BH
00H
Note:
1. Denotes bit addressable.


Similar Part No. - IS80LV31-24WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV32 ISSI-IS80LV32 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PL ISSI-IS80LV32-24PL Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PLI ISSI-IS80LV32-24PLI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQ ISSI-IS80LV32-24PQ Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQI ISSI-IS80LV32-24PQI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV31-24WI

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com