Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707CMX285TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP707CMX285TCG
Description  Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707CMX285TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP707CMX285TCG Datasheet HTML 1Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 2Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 3Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 4Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 5Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 6Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP707CMX285TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NCP707
www.onsemi.com
2
IN
OUT
VOLTAGE
REFERENCE
ACTIVE
DISCHARGE*
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
ENABLE
LOGIC
GND
AUTO LOW
POWER MODE
EN
EN
Figure 2. Simplified Schematic Block Diagram
*Active output discharge function is present only in NCP707AMXyyyTCG and NCP707CMXyyyTCG devices.
yyy denotes the particular VOUT option.
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
OUT
Regulated output voltage pin. A small ceramic capacitor with minimum value of 1
mF is needed from this
pin to ground to assure stability.
2
GND
Power supply ground.
3
EN
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown
mode.
4
IN
Input pin. A small 1
mF capacitor is needed from this pin to ground to assure stability.
EPAD
Exposed pad should be connected directly to the GND pin. Soldered to a large ground copper plane allows
for effective heat removal.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Rating tested per JEDEC standard: JESD78
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN4 1x1 mm
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
3. Single component mounted on 2 oz, FR4 PCB with 100 mm2 Cu area.


Similar Part No. - NCP707CMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707CMX285TCG ONSEMI-NCP707CMX285TCG Datasheet
857Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
More results

Similar Description - NCP707CMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com