Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV502SN50T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV502SN50T1G
Description  80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV502SN50T1G Datasheet(HTML) 7 Page - ON Semiconductor

  NCV502SN50T1G Datasheet HTML 1Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 2Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 3Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 4Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 5Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 6Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 7Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 8Page - ON Semiconductor NCV502SN50T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP502, NCV502
www.onsemi.com
7
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP502 can dissipate up to
250 mW @ 25
°C.
The power dissipated by the NCP502 can be calculated
from the following equation:
Ptot + Vin *Ignd (Iout) ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If an 80 mA output current is needed then the ground
current from the data sheet is 40
mA. For an NCP502 (3.0 V),
the maximum input voltage will then be 6.12 V.
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP502SQ15T2G
1.5
LCC
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ18T2G
1.8
LCD
NCP502SQ25T2G
2.5
LCE
NCP502SQ27T2G
2.7
LCF
NCP502SQ28T2G
2.8
LCG
NCP502SQ29T2G
2.9
LJI
NCP502SQ30T2G
3.0
LCH
NCP502SQ31T2G
3.1
LJJ
NCP502SQ33T2G
3.3
LCI
NCP502SQ34T2G
3.4
LJK
NCP502SQ35T2G
3.5
LGO
NCP502SQ36T2G
3.6
LIU
NCP502SQ37T2G
3.7
LJQ
NCP502SQ50T2G
5.0
LCJ
NCP502SN28T1G
2.8
LKD
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP502SN29T1G
2.9
LJN
NCP502SN30T1G
3.0
LKE
NCP502SN31T1G
3.1
LJO
NCP502SN33T1G
3.3
LKF
NCV502SN33T1G*
3.3
LKF
NCP502SN34T1G
3.4
LJK
NCP502SN35T1G
3.5
LJ6
NCP502SN36T1G
3.6
AC4
NCP502SN37T1G
3.7
LKC
NCP502SN50T1G
5.0
LKG
NCV502SN50T1G*
5.0
LKG
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NCV502SN50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV502SN50T1G ONSEMI-NCV502SN50T1G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCV502SN50T1G ONSEMI-NCV502SN50T1G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
More results

Similar Description - NCV502SN50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com