Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117ST50T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1117ST50T3G
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117ST50T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1117ST50T3G Datasheet HTML 1Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 2Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 3Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 4Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 5Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 6Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 7Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 8Page - ON Semiconductor NCP1117ST50T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1117, NCV1117
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is the operating ambient temperature range that applies
unless otherwise noted.) (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage, Adjustable Output Devices
(Vin–Vout = 2.0 V, Iout = 10 mA, TA = 25°C)
(Vin–Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA) (Note 4)
Vref
1.238
1.225
1.25
1.262
1.270
V
Output Voltage, Fixed Output Devices
1.5 V
(Vin = 3.5 V, Iout = 10 mA, TA = 25 °C)
(Vin = 2.9 V to 11.5 V, Iout = 0 mA to 800 mA) (Note 4)
1.8 V
(Vin = 3.8 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.2 V to 11.8 V, Iout = 0 mA to 800 mA) (Note 4)
1.9 V
(Vin = 3.9 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.3 V to 11.9 V, Iout = 0 mA to 800 mA) (Note 4)
2.0 V
(Vin = 4.0 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.4 V to 12 V, Iout = 0 mA to 800 mA) (Note 4)
2.5 V
(Vin = 4.5 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.9 V to 10 V, Iout = 0 mA to 800 mA,) (Note 4)
2.85 V (Vin = 4.85 V, Iout = 10 mA, TA = 25 °C)
(Vin = 4.25 V to 10 V, Iout = 0 mA to 800 mA) (Note 4)
(Vin = 4.0 V, Iout = 0 mA to 500 mA) (Note 4)
3.3 V
(Vin = 5.3 V, Iout = 10 mA, TA = 25 °C)
(Vin = 4.75 V to 10 V, Iout = 0 mA to 800 mA) (Note 4)
5.0 V
(Vin = 7.0 V, Iout = 10 mA, TA = 25 °C)
(Vin = 6.5 V to 12 V, Iout = 0 mA to 800 mA) (Note 4)
12 V
(Vin = 14 V, Iout = 10 mA, TA = 25 °C)
(Vin = 13.5 V to 20 V, Iout = 0 mA to 800 mA) (Note 4)
Vout
1.485
1.470
1.782
1.755
1.872
1.862
1.970
1.960
2.475
2.450
2.821
2.790
2.790
3.267
3.235
4.950
4.900
11.880
11.760
1.500
1.800
1.900
1.900
2.000
2.500
2.850
3.300
5.000
12.000
1.515
1.530
1.818
1.845
1.929
1.938
2.030
2.040
2.525
2.550
2.879
2.910
2.910
3.333
3.365
5.050
5.100
12.120
12.240
V
Line Regulation (Note 5)
Adjustable (Vin = 2.75 V to 16.25 V, Iout = 10 mA)
Regline
0.04
0.1
%
1.5 V
(Vin = 2.9 V to 11.5 V, Iout = 0 mA)
1.8 V
(Vin = 3.2 V to 11.8 V, Iout = 0 mA)
1.9 V
(Vin = 3.3 V to 11.9 V, Iout = 0 mA)
2.0 V
(Vin = 3.4 V to 12 V, Iout = 0 mA)
2.5 V
(Vin = 3.9 V to 10 V, Iout = 0 mA)
2.85 V (Vin = 4.25 V to 10 V, Iout = 0 mA)
3.3 V
(Vin = 4.75 V to 15 V, Iout = 0 mA)
5.0 V
(Vin = 6.5 V to 15 V, Iout = 0 mA)
12 V
(Vin = 13.5 V to 20 V, Iout = 0 mA)
0.3
0.4
0.5
0.5
0.5
0.8
0.8
0.9
1.0
1.0
1.0
2.5
2.5
2.5
3.0
4.5
6.0
7.5
mV
Load Regulation (Note 5)
Adjustable (Iout = 10 mA to 800 mA, Vin = 4.25 V)
Regline
0.2
0.4
%
1.5 V
(Iout = 0 mA to 800 mA, Vin = 2.9 V)
1.8 V
(Iout = 0 mA to 800 mA, Vin = 3.2 V)
1.9 V
(Iout = 0 mA to 800 mA, Vin = 3.3 V)
2.0 V
(Iout = 0 mA to 800 mA, Vin = 3.4 V)
2.5 V
(Iout = 0 mA to 800 mA, Vin = 3.9 V)
2.85 V (Iout = 0 mA to 800 mA, Vin = 4.25 V)
3.3 V
(Iout = 0 mA to 800 mA, Vin = 4.75 V)
5.0 V
(Iout = 0 mA to 800 mA, Vin = 6.5 V)
12 V
(Iout = 0 mA to 800 mA, Vin = 13.5 V)
2.3
2.6
2.7
3.0
3.3
3.8
4.3
6.7
16
5.5
6.0
6.0
6.0
7.5
8.0
10
15
28
mV
Dropout Voltage (Measured at Vout − 100 mV)
(Iout = 100 mA)
(Iout = 500 mA)
(Iout = 800 mA)
Vin−Vout
0.95
1.01
1.07
1.10
1.15
1.20
V
Output Current Limit (Vin−Vout = 5.0 V, TA = 25°C, Note 6)
Iout
1000
1500
2200
mA
Minimum Required Load Current for Regulation, Adjustable Output Devices
(Vin = 15 V)
IL(min)
0.8
5.0
mA


Similar Part No. - NCP1117ST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117ST50T3G ONSEMI-NCP1117ST50T3G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117ST50T3G ONSEMI-NCP1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117ST50T3G ONSEMI-NCP1117ST50T3G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results

Similar Description - NCP1117ST50T3G

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com