Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117ST33T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1117ST33T3G
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117ST33T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1117ST33T3G Datasheet HTML 1Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 2Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 3Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 4Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 5Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 6Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 7Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 8Page - ON Semiconductor NCP1117ST33T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP1117, NCV1117
www.onsemi.com
2
10
mF
1
2
Output
10
mF
3
Input
NCP1117
XTXX
++
Figure 1. Fixed
Output Regulator
10
mF
1
2 Output
10
mF
3
Input
NCP1117
XTA
++
Figure 2. Adjustable
Output Regulator
22
mF
1
2
10
mF
3
NCP1117
XT285
++
110
W
110
W
110
W
110
W
4.75 V
to
5.25 V
+
18 to 27
Lines
Figure 3. Active SCSI Bus Terminator
TYPICAL APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
Vin
20
V
Output Short Circuit Duration (Notes 2 and 3)
Infinite
Power Dissipation and Thermal Characteristics
Case 318H (SOT−223)
Power Dissipation (Note 2)
Thermal Resistance, Junction−to−Ambient, Minimum Size Pad
Thermal Resistance, Junction−to−Case
Case 369A (DPAK)
Power Dissipation (Note 2)
Thermal Resistance, Junction−to−Ambient, Minimum Size Pad
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
PD
RqJA
RqJC
Internally Limited
160
15
Internally Limited
67
6.0
W
°C/W
°C/W
W
°C/W
°C/W
Maximum Die Junction Temperature Range
TJ
−55 to 150
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Operating Ambient Temperature Range
NCP1117
NCV1117
TA
0 to +125
−40 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM), Class 2, 2000 V
Machine Model (MM), Class B, 200 V
Charge Device Model (CDM), Class IV, 2000 V.
2. Internal thermal shutdown protection limits the die temperature to approximately 175
°C. Proper heatsinking is required to prevent activation.
The maximum package power dissipation is:
PD +
TJ(max) * TA
R
qJA
3. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.


Similar Part No. - NCP1117ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117ST33T3G ONSEMI-NCP1117ST33T3G Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117ST33T3G ONSEMI-NCP1117ST33T3G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117ST33T3G ONSEMI-NCP1117ST33T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117ST33T3G ONSEMI-NCP1117ST33T3G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results

Similar Description - NCP1117ST33T3G

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com