Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP502SN35T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP502SN35T1G
Description  80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SN35T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP502SN35T1G Datasheet HTML 1Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 2Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 3Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 4Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 5Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 6Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 7Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 8Page - ON Semiconductor NCP502SN35T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP502, NCV502
www.onsemi.com
5
0
Figure 8. Output Voltage versus Temperature
Figure 9. Output Voltage versus Input Voltage
Figure 10. Dropout Voltage versus Temperature
125
25
−50
T, TEMPERATURE (
°C)
1200
100
60
40
20
−20
−40
−60
T, TEMPERATURE (
°C)
6
1
0
0
3.5
VIN, INPUT VOLTAGE (V)
3
2.5
2.96
2.995
2.97
080
2.965
2.99
2.975
2.98
VIN = 12 V
CIN = 1.0 mF
COUT = 1.0 mF
VENABLE = VIN
80 mA LOAD
VIN = 4.0 V
IOUT = 10 mA
23
4
5
2
1.5
1
0.5
−25
0
50
75
100
1000
800
600
400
200
40 mA LOAD
10 mA LOAD
2.985


Similar Part No. - NCP502SN35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SN35T1G ONSEMI-NCP502SN35T1G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP502SN35T1G ONSEMI-NCP502SN35T1G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
More results

Similar Description - NCP502SN35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com