Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV612SQ33T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV612SQ33T2G
Description  100 mA CMOS Low Iq Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV612SQ33T2G Datasheet(HTML) 8 Page - ON Semiconductor

  NCV612SQ33T2G Datasheet HTML 1Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 2Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 3Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 4Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 5Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 6Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 7Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 8Page - ON Semiconductor NCV612SQ33T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP612, NCV612
www.onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP612SQ15T2G
1.5
LHO
SC70−5
(Pb−Free)
3000 Units/Tape & Reel
NCP612SQ18T2G
1.8
LHP
NCP612SQ25T2G
2.5
LHQ
NCP612SQ27T2G
2.7
LHR
NCP612SQ28T2G
2.8
LHS
NCP612SQ30T2G
3.0
LHT
NCP612SQ31T2G
3.1
LHU
NCP612SQ33T2G
3.3
LHV
NCP612SQ37T2G
3.7
LKH
NCP612SQ50T2G
5.0
LHW
NCV612SQ15T2G*
1.5
LHO
NCV612SQ18T2G*
1.8
LHP
NCV612SQ25T2G*
2.5
LHQ
NCV612SQ27T2G*
2.7
LHR
NCV612SQ28T2G*
2.8
LHS
NCV612SQ30T2G*
3.0
LHT
NCV612SQ31T2G*
3.1
LHU
NCV612SQ33T2G*
3.3
LHV
NCV612SQ37T2G*
3.7
LKH
NCV612SQ50T2G*
5.0
LHW
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NCV612SQ33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV612SQ33T2G ONSEMI-NCV612SQ33T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCV612SQ33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com