Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1117ST18T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV1117ST18T3G
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117ST18T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV1117ST18T3G Datasheet HTML 1Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 2Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 3Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 4Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 5Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 6Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 7Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 8Page - ON Semiconductor NCV1117ST18T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2017 − Rev. 28
1
Publication Order Number:
NCP1117/D
NCP1117, NCV1117
1.0 A Low-Dropout Positive
Fixed and Adjustable
Voltage Regulators
The NCP1117 series are low dropout positive voltage regulators that
are capable of providing an output current that is in excess of 1.0 A
with a maximum dropout voltage of 1.2 V at 800 mA over
temperature. This series contains nine fixed output voltages of 1.5 V,
1.8 V, 1.9 V, 2.0 V, 2.5 V, 2.85 V, 3.3 V, 5.0 V, and 12 V that have no
minimum load requirement to maintain regulation. Also included is an
adjustable output version that can be programmed from 1.25 V to
18.8 V with two external resistors. On chip trimming adjusts the
reference/output voltage to within
±1.0% accuracy. Internal protection
features consist of output current limiting, safe operating area
compensation, and thermal shutdown. The NCP1117 series can
operate with up to 20 V input. Devices are available in SOT−223 and
DPAK packages.
Features
Output Current in Excess of 1.0 A
1.2 V Maximum Dropout Voltage at 800 mA Over Temperature
Fixed Output Voltages of 1.5 V, 1.8 V, 1.9 V, 2.0 V, 2.5 V, 2.85 V,
3.3 V, 5.0 V, and 12 V
Adjustable Output Voltage Option
No Minimum Load Requirement for Fixed Voltage Output Devices
Reference/Output Voltage Trimmed to ±1.0%
Current Limit, Safe Operating and Thermal Shutdown Protection
Operation to 20 V Input
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb-Free Devices
Applications
Consumer and Industrial Equipment Point of Regulation
Active SCSI Termination for 2.85 V Version
Switching Power Supply Post Regulation
Hard Drive Controllers
Battery Chargers
SOT−223
ST SUFFIX
CASE 318H
DPAK
DT SUFFIX
CASE 369C
Pin: 1. Adjust/Ground
2. Output
3. Input
Heatsink tab is connected to Pin 2.
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION
1 23
1
2
3
Tab
Tab
PIN CONFIGURATION
SOT−223
(Top View)
DPAK
(Top View)
www.onsemi.com


Similar Part No. - NCV1117ST18T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST18T3G ONSEMI-NCV1117ST18T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117ST18T3G ONSEMI-NCV1117ST18T3G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results

Similar Description - NCV1117ST18T3G

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com